Electronic Components Datasheet Search
  English  ▼

X  

SB3230 Datasheet(PDF) 11 Page - ON Semiconductor

Part # SB3230
Description  Preconfigured DSP System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB3230 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button SB3230 Datasheet HTML 7Page - ON Semiconductor SB3230 Datasheet HTML 8Page - ON Semiconductor SB3230 Datasheet HTML 9Page - ON Semiconductor SB3230 Datasheet HTML 10Page - ON Semiconductor SB3230 Datasheet HTML 11Page - ON Semiconductor SB3230 Datasheet HTML 12Page - ON Semiconductor SB3230 Datasheet HTML 13Page - ON Semiconductor SB3230 Datasheet HTML 14Page - ON Semiconductor SB3230 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
RHYTHM SB3230
www.onsemi.com
11
switch closures indicates a program retreat to the next lower
numbered memory. In this mode, volume control is only
available through software control.
In Mixed Mode, operation of the switch as a volume
control or memory select is governed by the time duration
of the switch closure: either short or long. The
discrimination of short and long pulses is set by
a programmable, time−threshold value, from 1 s to 5 s in 1 s
increments.
An
additional
programmable
parameter
determines whether the short pulses refer to volume−control
operation or memory−select operation.
If long pulses control memory select operation, the
memory change is initiated once the switch is held for the
long pulse period without requiring the switch to be
released. In Digital VC mode or Momentary Memory Select
mode, the action takes place after the switch is released.
AGC−O
The AGC−O module is an output limiting circuit with
a fixed compression ratio of
∞ : 1. The limiting level is
programmable as a level measured in dB from full scale. The
maximum output of the device is 0 dBFS.
The AGC−O module has its own level detector, with
programmable attack and release time constants.
Graphic Equalizer
SB3230 has a 8−band graphic equalizer. Each band
provides up to 31 dB of gain adjustment in 1 dB increments.
Biquadratic Filters
Additional frequency shaping can be achieved by
configuring generic biquad filters. The transfer function for
each of the biquad filters is as follows:
H(z)
+ b0 ) b1
z−1
) b2
z−2
1
) a1
z−1
) a2
z−2
NOTE:
The a0 coefficient is hard−wired to always be
‘1’. The coefficients are each 16 bits in length
and formatted as one sign bit, one integer bit and
14 fractional bits. This maps onto a decimal
range of −2.0 to 2.0 before quantization (−32767
to 32767 after quantization).
Thus, before quantization, the floating−point coefficients
must be in the range −2.0
≤ x < 2.0 and quantized with the
function:
round x
214
After designing a filter, the quantized coefficients can be
entered into the PreBiquads or PostBiquads tab in the
Interactive Data Sheet. The coefficients b0, b1, b2, a1, and
a2 are as defined in the transfer function above. The
parameters meta0 and meta1 do not have any effect on the
signal processing, but can be used to store additional
information related to the associated biquad.
The underlying code in the product components
automatically checks all of the filters in the system for
stability (i.e., the poles have to be within the unit circle)
before updating the graphs on the screen or programming
the coefficients into the hybrid. If the Interactive Data Sheet
receives an exception from the underlying stability checking
code, it automatically disables the biquad being modified
and displays a warning message. When the filter is made
stable again, it can be re−enabled.
Also note that in some configurations, some of these
filters may be used by the product component for
microphone/telecoil compensation, low−frequency EQ, etc.
If this is the case, the coefficients entered by the user into
IDS are ignored and the filter designed by the software is
programmed instead. For more information on filter design
refer to the Biquad Filters In PARAGON
t Digital Hybrid
information note.
Tinnitus Treatment Noise
The Tinnitus Treatment noise is generated using white
noise generator hardware and shaping the generated noise
using four 2nd order biquadratic filters. The filter parameters
are the same coefficients as those presented in the
Biquadratic Filters section.
The Tinnitus Treatment noise can be added into the signal
path at two possible locations: before the VC (before the
AGC−O, but compensated for the Wideband Gain) or after
the VC (between the last generic biquad and the Cross
Fader).
If the noise is injected before the VC and the audio path
is also enabled, the device can be set up to either have both
the audio path and noise adjust via the VC, or to have only
the noise adjust via the VC (see Table 7). If the noise is
injected after the VC, it is not affected by VC changes.
Table 7. NOISE INSERTION MODES
Noise Insertion Modes
VC Controls
Noise Injected
Off
Audio
Off
Pre VC
Audio + Noise
Pre VC
Post VC
Audio
Post VC
Noise only Pre VC
Noise
Pre VC
Noise only Post VC
−
Post VC
Pre VC with Noise
Noise
Pre VC
EVOKE Lite Acoustic Indicators
Ten Acoustic Indicators are available for indicating
events. Each indicator is fixed to a particular event. Any
event can have its assigned indicator enabled or disabled
although not always independently. Individual enable/
disable control is provided for the following event or group
of events:
• Power on reset (POR)
• Four memory selects
• Volume Up and Volume Down
• Volume Max and Volume Min
• Low Battery
Each Acoustic Indicator is made up of up to four faded
tones. A faded tone exhibits a nominal 32 ms fade−in and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com