Electronic Components Datasheet Search
  English  ▼

X  

SB3230 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SB3230
Description  Preconfigured DSP System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB3230 Datasheet(HTML) 2 Page - ON Semiconductor

  SB3230 Datasheet HTML 1Page - ON Semiconductor SB3230 Datasheet HTML 2Page - ON Semiconductor SB3230 Datasheet HTML 3Page - ON Semiconductor SB3230 Datasheet HTML 4Page - ON Semiconductor SB3230 Datasheet HTML 5Page - ON Semiconductor SB3230 Datasheet HTML 6Page - ON Semiconductor SB3230 Datasheet HTML 7Page - ON Semiconductor SB3230 Datasheet HTML 8Page - ON Semiconductor SB3230 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
RHYTHM SB3230
www.onsemi.com
2
• High Quality 20−bit Audio Processing
• High Power/High Gain Capability
• SOUNDFIT® Fitting Software
• Configurable Low Battery Indicator
• Eight Biquadratic Filters
• 16 kHz or 8 kHz Bandwidth
• Four Fully Configurable Memories with Audible
Memory Change Indicator
• 96 dB Input Dynamic Range with HRXt Headroom
Extension
• 128−bit Fingerprint Security System and Other Security
Features to Protect against Device Cloning and
Software Piracy
• High Fidelity Audio CODEC
• Soft Acoustic Fade between Memory Changes
• Drives Zero−Bias Two−Terminal Receivers
• E1 RoHS−compliant Hybrid
• Hybrid Typical Dimensions:
0.220 x 0.125 x 0.060 in
(5.59 x 3.18 x 1.52 mm)
Figure 1. Hybrid Block Diagram
BLOCK DIAGRAM
MGND
GND
MIC1
TIN
DAI
MIC2
VREG
SDA
CLK
TR4
TR3
TR2
TR1
D_VC
VB
PGND
OUT −
OUT+
VBP
A/D
A/D
TRIMMER/VC INTERFACE
PROGRAMMING
INTERFACE
REGULATOR
D/A
HBRIDGE
SB3230
PRE BIQUAD FILTERS
1−4
AGC−O
POST BIQUAD FILTERS
1 & 2
CROSS
FADER
1
22
20
19
18
17
15
14
16
12
11
8
7
6
5
4
3
2
13
VC
NOISE GENERATOR
EVOKE
BIQUAD 1−4
MS2
910
FEEDBACK
CANCELLER
TONE
GENERATOR
MIC / TELECOIL
COMPENSATION
VC GAIN
WIDEBAND GAIN
PEAK
CLIPPING
+
1, 2 or 4 CHANNEL
WDRC, EQ, ANR
21
MS1
POST BIQUAD FILTERS
3 & 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com