Electronic Components Datasheet Search
  English  ▼

X  

SB3230 Datasheet(PDF) 13 Page - ON Semiconductor

Part # SB3230
Description  Preconfigured DSP System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB3230 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button SB3230 Datasheet HTML 9Page - ON Semiconductor SB3230 Datasheet HTML 10Page - ON Semiconductor SB3230 Datasheet HTML 11Page - ON Semiconductor SB3230 Datasheet HTML 12Page - ON Semiconductor SB3230 Datasheet HTML 13Page - ON Semiconductor SB3230 Datasheet HTML 14Page - ON Semiconductor SB3230 Datasheet HTML 15Page - ON Semiconductor SB3230 Datasheet HTML 16Page - ON Semiconductor SB3230 Datasheet HTML 17Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
RHYTHM SB3230
www.onsemi.com
13
SDA and I2C Communication
SB3230 can be programmed using the SDA or I2C
protocol. During parameter changes, the main audio signal
path of the hybrid is temporarily muted using the memory
switch fader to avoid the generation of disturbing audio
transients. Once the changes are complete, the main audio
path is reactivated. Any changes made during programming
are lost at power−off unless they are explicitly burned to
EEPROM memory.
Improvements have been made to the ARK software,
resulting in improved communication speed. Certain
parameters in ARKonline® can be selected to reduce the
number of pages that need to be read out. In SDA mode,
SB3230 is programmed via the SDA pin using industry
standard programming boxes. I2C mode is a two−wire
interface which uses the SDA pin for bidirectional data and
CLK as the interface clock input. I2C programming support
is available on the HiPro (serial or USB versions) and
ON Semiconductor’s DSP Programmer 3.0.
ORDERING INFORMATION
Device
Package
Shipping†
SA3230−E1−T
25 Pad Hybrid
Case 127DN
250 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Hybrid Jig Ordering Information
To order a Hybrid Jig Evaluation Board for SB3230 contact your Sales Account Manager or FAE and use part number
SA3405GEVB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com