Electronic Components Datasheet Search
  English  ▼

X  

MBRS360P Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRS360P
Description  Surface Mount Schottky Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRS360P Datasheet(HTML) 2 Page - ON Semiconductor

  MBRS360P Datasheet HTML 1Page - ON Semiconductor MBRS360P Datasheet HTML 2Page - ON Semiconductor MBRS360P Datasheet HTML 3Page - ON Semiconductor MBRS360P Datasheet HTML 4Page - ON Semiconductor MBRS360P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBRS360P
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
V
Average Rectified Forward Current
IF(AV)
3.0 @ TL = 137°C
4.0 @ TL = 127°C
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
125
A
Storage Temperature Range
Tstg
− 65 to +175
°C
Operating Junction Temperature (Note 1)
TJ
− 65 to +175
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction−to−Lead (Note 2)
RqJL
11
°C/W
Thermal Resistance, Junction−to−Ambient (Note 2)
RqJA
136
°C/W
Thermal Resistance, Junction−to−Ambient (Note 3)
RqJA
71
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 4)
(iF = 3.0 A, TJ = 25°C)
VF
0.63
V
Maximum Instantaneous Reverse Current (Note 4)
(Rated dc Voltage, TJ = 25°C)
(Rated dc Voltage, TJ = 100°C)
iR
0.03
3.0
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Mounted with minimum recommended pad size, PC Board FR4.
3. 1 inch square pad size (1 x 0.5 inch for each lead) on FR4 board.
4. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
TJ = 25°C
TJ = 150°C
TJ = 100°C
TJ = −40°C
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
TJ = 25°C
TJ = 150°C
TJ = 100°C
TJ = −40°C
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
TJ = 175°C
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
TJ = 175°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com