Electronic Components Datasheet Search
  English  ▼

X  

MBRS360P Datasheet(PDF) 4 Page - ON Semiconductor

Part # MBRS360P
Description  Surface Mount Schottky Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRS360P Datasheet(HTML) 4 Page - ON Semiconductor

  MBRS360P Datasheet HTML 1Page - ON Semiconductor MBRS360P Datasheet HTML 2Page - ON Semiconductor MBRS360P Datasheet HTML 3Page - ON Semiconductor MBRS360P Datasheet HTML 4Page - ON Semiconductor MBRS360P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MBRS360P
www.onsemi.com
4
TL, LEAD TEMPERATURE (°C)
Figure 5. Current Derating
Figure 6. Forward Power Dissipation
0
4
01
2
3
IO, AVERAGE FORWARD CURRENT (A)
2.5
4.5
5
SQUARE WAVE
dc
0.5
1
1.5
2
3
4
RqJL = 15°C/W
3.5
2.5
1.5
0.5
SQUARE
WAVE
dc
Figure 7. Typical Capacitance
1000
10
60
010
20
30
VR, REVERSE VOLTAGE (V)
100
40
50
70
TJ = 25°C
3.5
TJ = 175°C
0
1
2
3
4
5
0
20
40
60
80
100
120
140
160
180
Test Type > min pad 1 oz
RqJC = min pad 1 oz C/W
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
t, TIME (s)
Figure 8. Thermal Response, Junction−to−Ambient, SMC Package
100
1
0.1
0.2
D = 0.5
0.05
SINGLE PULSE
0.1
0.00001
0.0001
0.001
0.01
1
100
1000
0.01
10
0.1
10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com