Electronic Components Datasheet Search
  English  ▼

X  

MBRS360P Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBRS360P
Description  Surface Mount Schottky Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRS360P Datasheet(HTML) 3 Page - ON Semiconductor

  MBRS360P Datasheet HTML 1Page - ON Semiconductor MBRS360P Datasheet HTML 2Page - ON Semiconductor MBRS360P Datasheet HTML 3Page - ON Semiconductor MBRS360P Datasheet HTML 4Page - ON Semiconductor MBRS360P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBRS360P
www.onsemi.com
3
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
TJ = 25°C
TJ = 150°C
TJ = 100°C
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
TJ = 25°C
TJ = 150°C
TJ = 100°C
1.0E−07
1.0E−06
1.0E−05
1.0E−04
1.0E−03
1.0E−02
1.0E−01
1.0E+00
0
10
20304050
60
TJ = 175°C
1.0E−06
1.0E−05
1.0E−04
1.0E−03
1.0E−02
1.0E−01
1.0E+00
0
102030
405060
TJ = 175°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com