Electronic Components Datasheet Search
  English  ▼

X  

SBT2 Datasheet(PDF) 21 Page - Panasonic Semiconductor

Part # SBT2
Description  8-bit Single-chip Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SBT2 Datasheet(HTML) 21 Page - Panasonic Semiconductor

Back Button SBT2 Datasheet HTML 17Page - Panasonic Semiconductor SBT2 Datasheet HTML 18Page - Panasonic Semiconductor SBT2 Datasheet HTML 19Page - Panasonic Semiconductor SBT2 Datasheet HTML 20Page - Panasonic Semiconductor SBT2 Datasheet HTML 21Page - Panasonic Semiconductor SBT2 Datasheet HTML 22Page - Panasonic Semiconductor SBT2 Datasheet HTML 23Page - Panasonic Semiconductor SBT2 Datasheet HTML 24Page - Panasonic Semiconductor SBT2 Datasheet HTML 25Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
MN101EF93G
8-bit Single-chip Microcontroller
Publication date: February 2015
21
PubNo. 21693-013E
VDD5 = 4.0 V to 5.5 V
VSS = 0 V
Ta = -40
C to +85 C
Parameter
Symbol
Conditions
Rating
Unit
MIN
TYP
MAX
External clock input 1 OSC1 (OSC2 is unconnected)
B10 Clock frequency
fhosc2
210.0
MHz
B11 High-level pulse width *7
twh1
Figure:1.5.4
45
ns
B12 Low-level pulse width *7
twl1
45
B13 Rising time
twr1
Figure:1.5.4
05.0
B14 Falling time
twf1
05.0
*7
The clock duty ratio should be 45 % to 55 %
External clock input 2 XI (XO is unconnected)
B15 Clock frequency
fsosc2
32.768
kHz
B16 High-level pulse width *7
twh2
Figure:1.5.5
4.5
s
B17 Low-level pulse width *7
twl2
4.5
s
B18 Rising time
twr2
Figure:1.5.5
020
ns
B19 Falling time
twf2
020
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com