Electronic Components Datasheet Search
  English  ▼

X  

SBT2 Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # SBT2
Description  8-bit Single-chip Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SBT2 Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button SBT2 Datasheet HTML 9Page - Panasonic Semiconductor SBT2 Datasheet HTML 10Page - Panasonic Semiconductor SBT2 Datasheet HTML 11Page - Panasonic Semiconductor SBT2 Datasheet HTML 12Page - Panasonic Semiconductor SBT2 Datasheet HTML 13Page - Panasonic Semiconductor SBT2 Datasheet HTML 14Page - Panasonic Semiconductor SBT2 Datasheet HTML 15Page - Panasonic Semiconductor SBT2 Datasheet HTML 16Page - Panasonic Semiconductor SBT2 Datasheet HTML 17Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
MN101EF93G
8-bit Single-chip Microcontroller
Publication date: February 2015
13
PubNo. 21693-013E
PB0
80
I/O
I/O port B
4-bit CMOS tri-state I/O port. Each bit can be set individually as
either an input or output by PBDIR register. A pull-up resistor for
each bit can be selected individually by PBPLU register.
At reset, the input mode is selected and pull-up resistor is disabled
(high impedance).
PB1
79
PB2
78
PB3
77
SBO0A
49
Output
Serial interface transmission data out-
put pins
Transmission data output pins for serial interface 0,1,2,4. The out-
put configuration, either COMS push-pull or Nch open-drain can be
selected in P0ODC, P3ODC, P4ODC, P5ODC, P6ODC and
P7ODC registers. Pull-up resistor can be selected in P0PLU,
P3PLU, P4PLU, P5PLU, P6PLU, and P7PLU registers. Select out-
put mode in P0DIR, P3DIR, P4DIR, P5DIR, P6DIR, and P7DIR
registers and set serial data output mode in serial mode register 1
(SC0MD1, SC1MD1, SC2MD1, SC4MD1). These can be used as
normal I/O pins when serial interface is not used.
SBO0B
37
SBO1A
22
SBO1B
62
SBO2
57
SBO4A
55
SBO4B
34
SBI0A
48
Input
Serial interface reception data input
pins
Reception data input pins for serial interface 0,1,2,4. Pull-up resis-
tor can be selected in P0PLU, P3PLU, P4PLU, P5PLU, P6PLU
and P7PLU registers. Select the output mode in P0DIR, P3DIR,
P4DIR, P5DIR, P6DIR and P7DIR registers and select serial data
input mode in serial mode register 1 (SC0MD1, SC1MD1,
SC2MD1, SC4MD1). These can be used as normal I/O pins when
serial interface is not used.
SBI0B
38
SBI1A
21
SBI1B
63
SBI2
58
SBI4A
54
SBI4B
36
SBT0A
47
I/O
Serial interface Clock I/O pins
Clock I/O pins for serial interface 0,1,2,4. The output configuration,
either COMS push-pull or Nch open-drain can be selected in
P0ODC, P3ODC, P4ODC, P5ODC, P6ODC and P7ODC registers.
Pull-up resistor can be selected in P0PLU, P3PLU, P4PLU,
P5PLU, P6PLU and P7PLU registers. Select clock I/O in P0DIR,
P3DIR, P4DIR, P5DIR, P6DIR and P7DIR registers and serial
mode register 1 (SC0MD1, SC1MD1, SC2MD1, SC4MD1) with the
communication mode. These can be used as normal I/O pins when
serial interface is not used.
SBT0B
39
SBT1A
23
SBT1B
64
SBT2
59
SBT4A
56
SBT4B
35
TXD0A
49
Output
UART transmission data output pins
In serial interface 0,1,2 in UART mode, this pin is configured as the
transmission data output pin. The output configuration, either
COMS push-pull or Nch open-drain can be selected in P0ODC,
P4ODC, P5ODC, P6ODC and P7ODC registers. Pull-up resistor
can be selected by P0PLU, P4PLU, P5PLU(D), P6PLU and
P7PLU registers. Select the output mode in P0DIR, P4DIR,
P5DIR, P6DIR and P7DIR registers and select serial data output
mode in serial mode register 1 (SC0MD1, SC1MD1, SC2MD1).
These can be used as normal I/O pins when serial interface is not
used.
TXD0B
37
TXD1A
22
TXD1B
62
TXD2
57
RXD0A
48
Input
UART reception data output pins
In serial interface 0,1,2 in UART mode, this pin is configured as the
reception data input pin. Pull-up resistor can be selected in P0PLU,
P4PLU, P5PLU(D), P6PLU and P7PLU registers. Select the input
mode in P0DIR, P4DIR, P5DIR, P6DIR and P7DIR registers and
select serial input in serial mode register 1 (SC0MD1, SC1MD1,
SC2MD1). These can be used as normal I/O pins when serial
interface is not used.
RXD0B
38
RXD1A
21
RXD1B
63
RXD2
58
SDA4A
55
I/O
IIC data I/O pins
In serial interface 4 in IIC mode, this pin is configured as the data I/
O pin. For the output configuration, select Nch open-drain in
P3ODC and P6ODC register and set pull-up resistor in P3PLU and
P6PLU register. Select the output mode in P0DIR register and
P6DIR register select serial data I/O mode by serial mode register
1 (SC4MD1). These can be used as normal I/O pin when serial
interface is not used.
SDA4B
34
SCL4A
56
I/O
IIC clock I/O pins
In serial interface 4 in IIC mode, this pin is configured as the clock
I/O pin. For the output configuration, select Nch open-drain in
P0ODC and P6ODC register and set pull-up resistor by P0PLU
and P6PLU register. Select the output mode at P0DIR register and
P6DIR register select serial clock I/O mode in serial mode register
1 (SC4MD1). These can be used as normal I/O pin when serial
interface is not used
SCL4B
35
Pins
NO
I/O
Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com