Electronic Components Datasheet Search
  English  ▼

X  

SBT2 Datasheet(PDF) 26 Page - Panasonic Semiconductor

Part # SBT2
Description  8-bit Single-chip Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SBT2 Datasheet(HTML) 26 Page - Panasonic Semiconductor

Back Button SBT2 Datasheet HTML 22Page - Panasonic Semiconductor SBT2 Datasheet HTML 23Page - Panasonic Semiconductor SBT2 Datasheet HTML 24Page - Panasonic Semiconductor SBT2 Datasheet HTML 25Page - Panasonic Semiconductor SBT2 Datasheet HTML 26Page - Panasonic Semiconductor SBT2 Datasheet HTML 27Page - Panasonic Semiconductor SBT2 Datasheet HTML 28Page - Panasonic Semiconductor SBT2 Datasheet HTML 29Page - Panasonic Semiconductor SBT2 Datasheet HTML 30Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
MN101EF93G
8-bit Single-chip Microcontroller
Publication date: February 2015
26
PubNo. 21693-013E
1.5.4
A/D Converter Characteristics
..
Even if A/D function is not used, the voltage of VREF+ pin must be set between 4.0 V and
VDD5.
..
D. A/D Converter Characteristics *10
VDD5 = 5.0 V VSS = 0 V
Ta = -40
C to +85 C
Parameter
Symbol
Conditions
Rating
Unit
MIN
TYP
MAX
D1
Resolution
10
Bits
D2
Non-linearity error 1
VDD5=5.0 V, VSS=0 V
VREF+=5.0 V
TAD=800 ns
± 3
LSB
D3
Differential non-linear-
ity error 1
± 3
D4
Zero transition voltage
VDD5=5.0 V, VSS=0 V
VREF+=5.0 V
TAD=800 ns
10
30
mV
D5
Full-scale transition
voltage
4970
4990
D6
A/D conversion time
TAD=800 ns
12.93
s
D7
Sampling time
TAD=800 ns
1.6
D8
Reference voltage
VREF+
Note)
4.0
VDD5
V
D9
Analog input voltage
VSS
VREF+
D10
Analog input leakage
current
Channel OFF
VADIN=VSS to VDD5
± 2
A
D11
Reference voltage pin
input leakage current
Ladder resistance OFF
VSS  VREF+  VDD5
± 5
D12
Ladder resistance
RLADD VDD5=5.0 V
15
40
80
k
*11
TAD is A/D conversion clock cycle.
The specification values of D2 to D5 are guaranteed on the condition of VDD5=VREF+=5 V, VSS=0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com