Electronic Components Datasheet Search
  English  ▼

X  

TM3IO Datasheet(PDF) 14 Page - Panasonic Semiconductor

Part # TM3IO
Description  32-bit Single-chip Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TM3IO Datasheet(HTML) 14 Page - Panasonic Semiconductor

Back Button TM3IO Datasheet HTML 10Page - Panasonic Semiconductor TM3IO Datasheet HTML 11Page - Panasonic Semiconductor TM3IO Datasheet HTML 12Page - Panasonic Semiconductor TM3IO Datasheet HTML 13Page - Panasonic Semiconductor TM3IO Datasheet HTML 14Page - Panasonic Semiconductor TM3IO Datasheet HTML 15Page - Panasonic Semiconductor TM3IO Datasheet HTML 16Page - Panasonic Semiconductor TM3IO Datasheet HTML 17Page - Panasonic Semiconductor TM3IO Datasheet HTML 18Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
MN103SFM9K
32-bit Single-chip Microcontroller
Publication date: August 2014
14
PubNo. 232M9-010E
..
VPPEX is a power supply for flash EEPROM rewriting. Its potential should be the same as
VDD.
..
ADIN00
ADIN01
ADIN02
ADIN03
ADIN04
ADIN05
ADIN06
ADIN07
ADIN08
ADIN09
ADIN10
ADIN11
ADIN12
ADIN13
ADIN14
ADIN15
ADIN16
ADIN17
ADIN18
ADIN19
11
12
13
14
16
18
19
20
21
22
23
24
25
26
27
28
29
30
34
35
Input
P90
P91
P92
P93
P94
P95
P96
P97
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
PB0
PB1
PB2
PB3
Analogue input pin Analogue input pins for an 20-channel, 10-bit
3 A/D converters.
These can be used as normal I/O pins when
these are not used as analog input.
IRQ00
IRQ01
IRQ02
IRQ03
IRQ04
IRQ05
IRQ06
IRQ07
IRQ08
3
4
5
6
43
44
45
46
47
Input
P80
P81
P82
P83
P10/ EXTRG0
P11/ EXTRG1
P12
P13
P14
External interrupt
pin
External interrupt input pins.
The valid edge can be selected. Set whether
both edges are detected or not by the edge
detection register (IRQEDGESEL). When it is
set not to detect both edges, select rising
edge, falling edge, H level, or L level by the
external interrupt condition specification reg-
ister (EXTMD0 and EXTMD1). When it is set
to detect both edges, select rising edge by
the external interrupt condition setting regis-
ter.
PWM00
PWM01
PWM02
PWM10
PWM11
PWM12
80
82
84
88
90
92
Output
P52
P54
P56
P62
P64
P66
Motor control
PWM signal out-
put pin
Motor control 3-phase PWM signal output pin
Select PWM signal output pin by the P5MD
and P6MD registers and set to PWM output
by the PWMOFF register.
These can be used as normal I/O pins when
these is not used as PWM signal output pin.
NPWM00
NPWM01
NPWM02
NPWM11
NPWM12
NPWM13
81
83
85
89
91
93
Output
P53
P55
P57
P63
P65
P67
Motor control
PWM signal
reverse output pin
Motor control 3-phase PWM signal revers
output pin.
Select PWM signal output pin by the P5MD
and P6MD registers and set to PWM output
by the PWMOFF register.
These can be used as normal I/O pins when
these is not used as PWM signal output pin.
TEST1
TEST2
TEST3
TCPOUT
31
32
33
8
Input
-
Test signal input
Test signal input pin built-in pull-up resistor.
Pull-up with resistor of 1 k
Ω or more.
Select a fixed to “L” for TCPOUT.
Name
TQFP 48
Pin No.
I/O
Other Function
Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com