Electronic Components Datasheet Search
  English  ▼

X  

TM3IO Datasheet(PDF) 18 Page - Panasonic Semiconductor

Part # TM3IO
Description  32-bit Single-chip Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TM3IO Datasheet(HTML) 18 Page - Panasonic Semiconductor

Back Button TM3IO Datasheet HTML 14Page - Panasonic Semiconductor TM3IO Datasheet HTML 15Page - Panasonic Semiconductor TM3IO Datasheet HTML 16Page - Panasonic Semiconductor TM3IO Datasheet HTML 17Page - Panasonic Semiconductor TM3IO Datasheet HTML 18Page - Panasonic Semiconductor TM3IO Datasheet HTML 19Page - Panasonic Semiconductor TM3IO Datasheet HTML 20Page - Panasonic Semiconductor TM3IO Datasheet HTML 21Page - Panasonic Semiconductor TM3IO Datasheet HTML 22Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
MN103SFM9K
32-bit Single-chip Microcontroller
Publication date: August 2014
18
PubNo. 232M9-010E
Figure:1.5.2 OSCI Timing Chart
VDD = 5.0 V
VSS = 0.0 V
Ta= -40
°C to +85 °C
Parameter
Symbol
Conditions
Limits
Unit
Min.
Typ.
Max.
External clock input 1 OSCI (OSCO left open)
B4
Clock frequency
Fcp
-
5.0
-
15.0
MHz
B5
High-level pulse width
twh1
Figure:1.5.2
25.0
-
-
ns
B6
Low-level pulse width
twl1
25.0
-
-
ns
B7
Rise time
twr1
Figure:1.5.2
-
-
5.0
ns
B8
Fall time
twf1
-
-
5.0
ns
Note:
Be sure that the clock duty ratio is 45 % to 55 %.
twh1
twl1
twf1
1/Fcp
twr1
0.7VDD
0.3VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com