Electronic Components Datasheet Search
  English  ▼

X  

TM3IO Datasheet(PDF) 20 Page - Panasonic Semiconductor

Part # TM3IO
Description  32-bit Single-chip Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TM3IO Datasheet(HTML) 20 Page - Panasonic Semiconductor

Back Button TM3IO Datasheet HTML 16Page - Panasonic Semiconductor TM3IO Datasheet HTML 17Page - Panasonic Semiconductor TM3IO Datasheet HTML 18Page - Panasonic Semiconductor TM3IO Datasheet HTML 19Page - Panasonic Semiconductor TM3IO Datasheet HTML 20Page - Panasonic Semiconductor TM3IO Datasheet HTML 21Page - Panasonic Semiconductor TM3IO Datasheet HTML 22Page - Panasonic Semiconductor TM3IO Datasheet HTML 23Page - Panasonic Semiconductor TM3IO Datasheet HTML 24Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
MN103SFM9K
32-bit Single-chip Microcontroller
Publication date: August 2014
20
PubNo. 232M9-010E
VDD = 5.0 V
VSS = 0.0 V
Ta= -40
°C to +85 °C
Parameter
Symbol
Conditions
Limits
Unit
Min.
Typ.
Max.
I/O pin
P10 to P17, P20 to P27, P30 to P37, P40 to P47, P50 to P57, P60 to P67, P72 to P77, P80 to P87, P90 to P97, PA0 to PA7, PB0 to PB3
C8
Input voltage High level
VIH4
-
VDD x 0.7
-
VDD
V
C9
Input voltage Low level
VIL4
-
VSS
-VDD x 0.3
V
C10
Input leak current
ILK4
-
--
± 5
μA
C11
Internal pull-up resistor
RIO4
VDD = 5.0 V, VIN = 0 V
15
30
60
k
Ω
C12
Output voltage High level
VOH4
VDD = 5.0 V, IOH = -2.5 mA
4.5
-
-
V
C13
Output voltage Low level
VOL4
VDD = 5.0 V, IOL0 = 2.5 mA
--
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com