Electronic Components Datasheet Search
  English  ▼

X  

TM17IO Datasheet(PDF) 23 Page - Panasonic Semiconductor

Part # TM17IO
Description  32-bit Single-chip Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TM17IO Datasheet(HTML) 23 Page - Panasonic Semiconductor

Back Button TM17IO Datasheet HTML 17Page - Panasonic Semiconductor TM17IO Datasheet HTML 18Page - Panasonic Semiconductor TM17IO Datasheet HTML 19Page - Panasonic Semiconductor TM17IO Datasheet HTML 20Page - Panasonic Semiconductor TM17IO Datasheet HTML 21Page - Panasonic Semiconductor TM17IO Datasheet HTML 22Page - Panasonic Semiconductor TM17IO Datasheet HTML 23Page - Panasonic Semiconductor TM17IO Datasheet HTML 24Page - Panasonic Semiconductor TM17IO Datasheet HTML 25Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
MN103SFM9K
32-bit Single-chip Microcontroller
Publication date: August 2014
23
PubNo. 232M9-010E
1.5.6
Flash EEPROM E/W Characteristics
VSS = 0.0 V
Parameter
Symbol
Conditions
Limits
Unit
MIN
TYP
MAX
F1
Power supply voltage at E/W
VDDEW
VRST
-5.5
V
F2
Ambient temperature at E/W
VOPREW
-40
-
85
°C
F3
Permissible rewriting times
EMAX1
Large sector (32 KB)
1,000
-
-
Times
F4
Permissible rewriting times
EMAX2
Small sector (8 KB)
100,000
-
-
Times
F5
Data retention time
THOLD
10
-
-
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com