Electronic Components Datasheet Search
  English  ▼

X  

TM17IO Datasheet(PDF) 15 Page - Panasonic Semiconductor

Part # TM17IO
Description  32-bit Single-chip Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TM17IO Datasheet(HTML) 15 Page - Panasonic Semiconductor

Back Button TM17IO Datasheet HTML 11Page - Panasonic Semiconductor TM17IO Datasheet HTML 12Page - Panasonic Semiconductor TM17IO Datasheet HTML 13Page - Panasonic Semiconductor TM17IO Datasheet HTML 14Page - Panasonic Semiconductor TM17IO Datasheet HTML 15Page - Panasonic Semiconductor TM17IO Datasheet HTML 16Page - Panasonic Semiconductor TM17IO Datasheet HTML 17Page - Panasonic Semiconductor TM17IO Datasheet HTML 18Page - Panasonic Semiconductor TM17IO Datasheet HTML 19Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
MN103SFM9K
32-bit Single-chip Microcontroller
Publication date: August 2014
15
PubNo. 232M9-010E
1.4
Block Diagram
1.4.1
Block Diagram
Figure:1.4.1 Block Diagram
PB3,ADIN1
PB2,ADIN1
PB1,ADIN1
PB0,ADIN1
P97,ADIN0
P96,ADIN0
P95,ADIN0
P94,ADIN0
P93,ADIN0
EXTRG0/IRQ04,P10
P92,ADIN0
EXTRG1/IRQ05,P11
P91,ADIN0
IRQ06,P12
P90,ADIN0
IRQ07,P13
IRQ08,P14
TM16IO,P15
TM17IO,P16
SBO2,P17
Crystal/ ceramic
High-speed
oscillation circuit
CPU
MN103S
RAM
8 KB
ROM
256 K
TM9AO,P40
TM10BO,P45
TM10AIO,P46
TM10BIO,P47
TM9BO,P41
TM9AIO,P42
TM9BIO,P43
TM10AO,P44
Port 6
Watchdog timer
PA7,ADIN1
PA6,ADIN1
PA5,ADIN1
PA4,ADIN1
PA3,ADIN1
PA2,ADIN1
PA1,ADIN0
PA0,ADIN0
Port 5
Port 7
P84,TM14I
P83,IRQ03
P81,IRQ01
P82,IRQ02
P80,IRQ00
P87
P86
SBT2,P20
SBI2,P21
SBO1,P22
SBT1,P23
SBI1,P24
SBO0,P25
SBT0,P26
SBI0,P27
TM0IO,P30
TM1IO,P31
TM2IO,P32
TM3IO,P33
TM4IO,P34
TM5IO,P35
TM8AIO,P36
TM8BIO,P37
Serial interface0
Serial interface1
Serial interface2
A/D conversion 0
A/D conversion 1
A/D conversion 02
PWM0
PWM1
External interrupt
16bit timer 9
16bit timer10
16bit timer11
16bit timer12
16bit timer13
16bit timer 8
PLL
8bit timer 0
8bit timer 1
8bit timer 2
8bit timer 3
8bit timer 4
8bit timer 5
8bit timer 6
8bit timer 7
8bit timer15
8bit timer14
8bit timer16
8bit timer17
Extension
function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com