Electronic Components Datasheet Search
  English  ▼

X  

TM17IO Datasheet(PDF) 19 Page - Panasonic Semiconductor

Part # TM17IO
Description  32-bit Single-chip Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TM17IO Datasheet(HTML) 19 Page - Panasonic Semiconductor

Back Button TM17IO Datasheet HTML 15Page - Panasonic Semiconductor TM17IO Datasheet HTML 16Page - Panasonic Semiconductor TM17IO Datasheet HTML 17Page - Panasonic Semiconductor TM17IO Datasheet HTML 18Page - Panasonic Semiconductor TM17IO Datasheet HTML 19Page - Panasonic Semiconductor TM17IO Datasheet HTML 20Page - Panasonic Semiconductor TM17IO Datasheet HTML 21Page - Panasonic Semiconductor TM17IO Datasheet HTML 22Page - Panasonic Semiconductor TM17IO Datasheet HTML 23Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
MN103SFM9K
32-bit Single-chip Microcontroller
Publication date: August 2014
19
PubNo. 232M9-010E
1.5.3
DC Characteristics
DC Characteristics
VSS=0.0 V
Ta= -40
°C to +85 °C
Output pin left open
Parameter
Symbol
Conditions
Limits
Unit
Typ.
Max.
C1
Power supply current in
NORMAL mode
IDD1
VDD = 5.0 V
FOSC = 10 MHz, PLL is used.
MCLK= 60 MHz, IOCLK =30 MHz
Peripheral circuits are stopped.
20
-
mA
C2
IDD2
VDD = 5.0 V
FOSC = 10 MHz, PLL is used.
MCLK= 60 MHz, IOCLK =30 MHz
Peripheral circuits are operating.
-35
mA
VDD = 5.0 V
VSS = 0.0 V
Ta= -40
°C to +85 °C
Parameter
Symbol
Conditions
Limits
Unit
Min.
Typ.
Max.
Input pins1 NRST, TEST1, TEST2
C3
Input voltage High level
VIH1
-VDD x 0.7
-
VDD
V
C4
Input voltage Low level
VIL1
-VSS
-VDD x 0.3
V
C5
Internal Pull-up resistor
RIO1
VDD =5.0 V, VIN = 0 V
15
30
60
k
Ω
VDD = 5.0 V
VSS = 0.0 V
Ta= -40
°C to +85 °C
Parameter
Symbol
Conditions
Limits
Unit
Min.
Typ.
Max.
Input pins 2 VPPEX, TEST3
C6
Input voltage High level
VIH2
-VDD x 0.7
-
VDD
V
C7
Input voltage Low level
VIL2
-VSS
-VDD x 0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com