Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA656 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 2Page - Texas Instruments OPA656 Datasheet HTML 3Page - Texas Instruments OPA656 Datasheet HTML 4Page - Texas Instruments OPA656 Datasheet HTML 5Page - Texas Instruments OPA656 Datasheet HTML 6Page - Texas Instruments OPA656 Datasheet HTML 7Page - Texas Instruments OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments OPA656 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
OPA656
SBOS196H – DECEMBER 2001 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics (continued)
RF = 250 Ω, RL = 100 Ω, and G = 2 V/V, unless otherwise noted. See Figure 1 for AC performance.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
TJ = 25°C
(2)
±1
±10
Input Offset Current
VCM = 0 V
TJ = 0°C to +70°C
(4)
B
±900
pA
TJ = –40°C to +85°C
(4)
±2500
INPUT
TJ = 25°C
(2)
2.1
2.75
Most Positive Input Voltage(5)
TJ = 0°C to +70°C
(4)
A
2.05
V
TJ = –40°C to +85°C
(4)
2
TJ = 25°C
(2)
–4
–4.5
Most Negative Input Voltage(5)
TJ = 0°C to +70°C
(4)
A
–3.9
V
TJ = –40°C to +85°C
(4)
–3.8
TJ = 25°C
(2)
2.6
3.25
Most Positive Input Voltage(6)
TJ = 0°C to +70°C
(4)
A
2.5
V
TJ = –40°C to +85°C
(4)
2.4
TJ = 25°C
(2)
–4
–4.5
Most Negative Input Voltage(6)
TJ = 0°C to +70°C
(4)
A
–3.9
V
TJ = –40°C to +85°C
(4)
–3.8
TJ = 25°C
(2)
80
86
Common-Mode Rejection Ratio (CMRR)
VCM = ±0.5 V
TJ = 0°C to +70°C
(4)
A
78
dB
TJ = –40°C to +85°C
(4)
76
Differential
C
Ω || pF
1012 || 0.7
Input Impedance
TJ = 25°C
(2)
Common-Mode
C
Ω || pF
1012 || 2.8
OUTPUT
±3.9
No Load
TJ = 25°C
(2)
A
V
±3.7
TJ = 25°C
(2)
±3.3
±3.5
Voltage Output Swing
RL = 100 Ω
TJ = 0°C to +70°C
(4)
A
±3.2
V
TJ = –40°C to +85°C
(4)
±3.1
TJ = 25°C
(2)
50
70
Current Output, Sourcing
TJ = 0°C to +70°C
(4)
A
48
mA
TJ = –40°C to +85°C
(4)
46
TJ = 25°C
(2)
–50
–70
Current Output, Sinking
TJ = 0°C to +70°C
(4)
A
–48
mA
TJ = –40°C to +85°C
(4)
–46
G = +1 V/V,
Closed-Loop Output Impedance
TJ = 25°C
(2)
C
0.01
Ω
f = 0.1 MHz
POWER SUPPLY
Specified Operating Voltage
TJ = 25°C
(2)
C
±5
V
TJ = 25°C
(2)
±6
Maximum Operating Voltage Range
TJ = 0°C to +70°C
(4)
A
±6
V
TJ = –40°C to +85°C
(4)
±6
TJ = 25°C
(2)
14
16
Maximum Quiescent Current
TJ = 0°C to +70°C
(4)
A
16.2
mA
TJ = –40°C to +85°C
(4)
16.3
TJ = 25°C
(2)
11.7
14
Minimum Quiescent Current
TJ = 0°C to +70°C
(4)
A
11.4
dB
TJ = –40°C to +85°C
(4)
11.1
(5)
Tested <3dB below minimum specified CMRR at ±CMIR limits.
(6)
Input range to give > 53-dB CMRR.
6
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: OPA656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com