Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA656 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 7Page - Texas Instruments OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments OPA656 Datasheet HTML 10Page - Texas Instruments OPA656 Datasheet HTML 11Page - Texas Instruments OPA656 Datasheet HTML 12Page - Texas Instruments OPA656 Datasheet HTML 13Page - Texas Instruments OPA656 Datasheet HTML 14Page - Texas Instruments OPA656 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Time (20 ns/div)
8.0
6.4
4.8
3.2
1.6
0
–1.6
–3.2
–4.8
–6.4
–8.0
4.0
3.2
2.4
1.6
0.8
0
–0.8
–1.6
–2.4
–3.2
–4.0
R
L = 100 Ω
G = +2
See Figure 1
Output Voltage
Left Scale
Input Voltage
Right Scale
Time (20 ns/div)
5
4
3
2
1
0
–1
–2
–3
–4
–5
R
L = 100 Ω
R
F = 402 Ω
G = –1
See Figure 2
Output
Input
–50
–25
0
25
50
75
100
125
Ambient Temperature (°C)
150
125
100
75
50
25
0
18
15
12
9
6
3
0
Supply Current
Right Scale
Left Scale
Sourcing Current
Sinking Current
Left Scale
–50
–25
0
25
50
75
100
125
Ambient Temperature (°C)
1000
900
800
700
600
500
400
300
200
100
0
–50
–25
0
25
50
75
100
125
Ambient Temperature (°C)
1.0
0.5
0
–0.5
–1.0
–3
–2
–1
0
1
2
3
Common-Mode Input Voltage (V)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
OPA656
www.ti.com
SBOS196H – DECEMBER 2001 – REVISED SEPTEMBER 2015
Typical Characteristics: VS = ±5 V (continued)
TA = 25°C, G = +2 V/V, RF = 250 Ω, RL = 100 Ω, unless otherwise noted.
Figure 19. Typical Input Offset Voltage
Figure 20. Typical Input Bias Current vs
Over Temperature
Common-Mode Input Voltage
Figure 21. Typical Input Bias Current
Figure 22. Supply and Output
Over Temperature
Current vs Temperature
Figure 23. Noninverting Input Overdrive Recovery
Figure 24. Inverting Overdrive Recovery
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com