Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA656 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 3Page - Texas Instruments OPA656 Datasheet HTML 4Page - Texas Instruments OPA656 Datasheet HTML 5Page - Texas Instruments OPA656 Datasheet HTML 6Page - Texas Instruments OPA656 Datasheet HTML 7Page - Texas Instruments OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments OPA656 Datasheet HTML 10Page - Texas Instruments OPA656 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
OPA656
www.ti.com
SBOS196H – DECEMBER 2001 – REVISED SEPTEMBER 2015
Electrical Characteristics (continued)
RF = 250 Ω, RL = 100 Ω, and G = 2 V/V, unless otherwise noted. See Figure 1 for AC performance.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
TJ = 25°C
(2)
72
76
+VS = 4.50 V
Power-Supply Rejection Ratio (+PSRR)
to
TJ = 0°C to +70°C
(4)
A
70
mA
5.50 V
TJ = –40°C to +85°C
(4)
68
TJ = 25°C
(2)
56
62
–VS = 4.50 V
Power-Supply Rejection Ratio (–PSRR)
to
TJ = 0°C to +70°C
(4)
A
54
dB
–5.50 V
TJ = –40°C to +85°C
(4)
52
TEMPERATURE RANGE
Specified Operating Range: U,N Package
TJ = 25°C
(2)
–40
85
°C
Thermal Resistance,
θJA
Junction-to-
Ambient
U: SO-8
TJ = 25°C
(2)
125
°C/W
N: SOT23-5
TJ = 25°C
(2)
150
°C/W
7.6 Electrical Characteristics: VS = ±5 V: High Grade DC Specifications
RF = 250 Ω, RL = 100 Ω, and G = +2 V/V, unless otherwise noted.
(1)
PARAMETER
TEST CONDITIONS
TEST LEVEL(2)
MIN
TYP
MAX
UNIT
TJ = 25°C
(3)
±0.6
±0.1
Input Offset Voltage
VCM = 0 V
TJ = 0°C to +70°C
(4)
A
±0.85
mV
TJ = –40°C to +85°C
(4)
±0.9
TJ = 25°C
(3)
±2
±6
Input Offset Voltage
VCM = 0 V
TJ = 0°C to +70°C
(4)
A
±6
µV/°C
Drift
TJ = –40°C to +85°C
(4)
±6
TJ = 25°C
(3)
±1
±5
Input Bias Current
VCM = 0 V
TJ = 0°C to +70°C
(4)
A
±450
pA
TJ = –40°C to +85°C
(4)
±1250
TJ = 25°C
(3)
±0.5
±5
Input Offset Current
VCM = 0 V
TJ = 0°C to +70°C
(4)
A
±450
pA
TJ = –40°C to +85°C
(4)
±1250
TJ = 25°C
(3)
88
95
Common-Mode
Rejection Ratio
VCM = ±0.5 V
TJ = 0°C to +70°C
(4)
A
86
dB
(CMRR)
TJ = –40°C to +85°C
(4)
84
TJ = 25°C
(3)
74
78
Power-Supply
Rejection Ratio
+VS = 4.5 V to 5.5 V
TJ = 0°C to +70°C
(4)
A
72
dB
(+PSRR)
TJ = –40°C to +85°C
(4)
70
TJ = 25°C
(3)
62
68
Power-Supply
Rejection Ratio
–VS = –4.5 V to –5.5 V
TJ = 0°C to +70°C
(4)
A
60
dB
(–PSRR)
TJ = –40°C to +85°C
(4)
58
(1)
All other specifications are the same as the standard-grade.
(2)
Test Levels: (A) 100% tested at 25°C. Over temperature limits by characterization and simulation.
(3)
Junction temperature = ambient for 25°C min/max specifications.M
(4)
Junction temperature = ambient at low temperature limit: junction temperature = ambient +20°C at high temperature limit for over
temperature min/max specifications.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com