Electronic Components Datasheet Search
  English  ▼

X  

Z86C30 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z86C30
Description  CMOS Z8 CONSUMER CONTROLLER PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C30 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z86C30 Datasheet HTML 9Page - Zilog, Inc. Z86C30 Datasheet HTML 10Page - Zilog, Inc. Z86C30 Datasheet HTML 11Page - Zilog, Inc. Z86C30 Datasheet HTML 12Page - Zilog, Inc. Z86C30 Datasheet HTML 13Page - Zilog, Inc. Z86C30 Datasheet HTML 14Page - Zilog, Inc. Z86C30 Datasheet HTML 15Page - Zilog, Inc. Z86C30 Datasheet HTML 16Page - Zilog, Inc. Z86C30 Datasheet HTML 17Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
CP96DZ82900
13
Z86C30/C31/C32/C40
CP96DZ82900
ZILOG
AC CHARACTERISTICS
External I/O or Memory Read and Write Timing Table (Z86C40 Only)
(SCLK/TCLK = XTAL/2)
T
A=–40°C to 105°CTA = –40°C to +105°C
Note [3]
12 MHz
16 MHz
12 MHz
16 MHz
No Symbol Parameter
V
CC
Min Max Min Max
Min Max Min Max Units
Notes
1 TdA(AS)
Address Valid to /AS Rise Delay
3.0
35
25
35
25
ns
[2]
5.5
35
25
35
25
ns
2 TdAS(A)
/AS Rise to Address Float Delay
3.0
45
35
45
35
ns
[2]
5.5
45
35
45
35
ns
3 TdAS(DR)
/AS Rise to Read Data Req’d Valid
3.0
250
180
250
180
ns
[1,2]
5.5
250
180
250
180
ns
4 TwAS
/AS Low Width
3.0
55
40
55
40
ns
[2]
5.5
55
40
55
40
ns
5 TdAS(DS)
Address Float to /DS Fall
3.0
0
0
0
0
ns
5.5
00
00ns
6 TwDSR
/DS (Read) Low Width
3.0
200
135
200
135
ns
[1,2]
5.5
200
135
200
135
ns
7 TwDSW
/DS (Write) Low Width
3.0
110
80
110
80
ns
[1,2]
5.5
110
80
110
80
ns
8 TdDSR(DR) /DS Fall to Read Data Req’d Valid
3.0
150
75
150
75
ns
[1,2]
5.5
150
75
150
75
ns
9 ThDR(DS)
Read Data to /DS Rise Hold Time
3.00
0
0
0
0
ns
[2]
5.5
00
00ns
10 TdDS(A)
/DS Rise to Address Active Delay
3.0
45
50
45
50
ns
[2]
5.5
55
50
55
50
ns
11 TdDS(AS)
/DS Rise to /AS Fall Delay
3.0
30
35
30
35
ns
[2]
5.5
45
35
45
55
ns
12 TdR/W(AS) R//W Valid to /AS Rise Delay
3.0
45
25
45
25
ns
[2]
5.5
45
25
45
25
ns
13 TdDS(R/W) /DS Rise to R//W Not Valid
3.0
45
35
45
35
ns
[2]
5.5
45
35
45
35
ns
14 TdDW(DSW) Write Data Valid to /DS Fall (Write) Delay 3.0
55
25
55
25
ns
[2]
5.5
55
25
55
25
ns
15 TdDS(DW) /DS Rise to Write Data Not Valid Delay
3.0
45
35
45
35
ns
[2]
5.5
45
35
45
35
ns
16 TdA(DR)
Address Valid to Read Data Req’d Valid
3.0
310
230
310
230
ns
[1,2]
5.5
310
230
310
230
ns
17 TdAS(DS)
/AS Rise to /DS Fall Delay
3.0
65
45
65
45
ns
[2]
5.5
65
45
65
45
ns
18 TdDM(AS) /DM Valid to /AS Fall Delay
3.0
35
30
35
30
ns
[2]
5.5
35
30
35
30
ns
19 TdDS(DM) /DS Rise to DM Valid Delay
3.0
45
35
45
35
ns
5.5
45
35
45
35
ns
20 ThDS(AS)
/DS Valid to Address Valid Hold Time
3.0
45
35
45
35
ns
5.5
45
35
45
35
ns
Notes:
[1] When using extended memory timing add 2 TpC.
[2] Timing numbers given are for minimum TpC.
[3] The V
CC voltage specification of 3.0V guarantees 3.3V ± 0.3V, and the
V
DD voltage specification of 5.5V guarantees 5.0V ± 0.5V.
Standard Test Load
All timing references use 0.7 V
CC for a logic 1 and 0.2 VCC for a logic 0.
For Standard Mode (not Low-EMI Mode for outputs) with SMR D1 = 0,
D0 = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com