Electronic Components Datasheet Search
  English  ▼

X  

Z86C30 Datasheet(PDF) 7 Page - Zilog, Inc.

Part # Z86C30
Description  CMOS Z8 CONSUMER CONTROLLER PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C30 Datasheet(HTML) 7 Page - Zilog, Inc.

Back Button Z86C30 Datasheet HTML 3Page - Zilog, Inc. Z86C30 Datasheet HTML 4Page - Zilog, Inc. Z86C30 Datasheet HTML 5Page - Zilog, Inc. Z86C30 Datasheet HTML 6Page - Zilog, Inc. Z86C30 Datasheet HTML 7Page - Zilog, Inc. Z86C30 Datasheet HTML 8Page - Zilog, Inc. Z86C30 Datasheet HTML 9Page - Zilog, Inc. Z86C30 Datasheet HTML 10Page - Zilog, Inc. Z86C30 Datasheet HTML 11Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CP96DZ82900
7
Z86C30/C31/C32/C40
CP96DZ82900
ZILOG
ABSOLUTE MAXIMUM RATINGS
Parameter
Min
Max
Units
Ambient Temperature under Bias
–40
+105
C
Storage Temperature
–65
+150
C
Voltage on any Pin with Respect to V
SS [Note 1]
–0.6
+7
V
Voltage on V
DD Pin with Respect to VSS
–0.3
+7
V
Voltage on XTAL1 and /RESET Pins with Respect to V
SS [Note 2]
–0.6
V
DD+1
V
Total Power Dissipation
1.21
W
Maximum Allowable Current out of V
SS
220
mA
Maximum Allowable Current into V
DD
180
mA
Maximum Allowable Current into an Input Pin [Note 3]
–600
+600
µA
Maximum Allowable Current into an Open-Drain Pin [Note 4]
–600
+600
µA
Maximum Allowable Output Current Sinked by Any I/O Pin
25
mA
Maximum Allowable Output Current Sourced by Any I/O Pin
25
mA
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test
conditions as noted. All voltages are referenced to Ground.
Positive current flows into the referenced pin (Test Load).
CAPACITANCE
T
A = 25°C, VCC = GND = 0V, f = 1.0 MHz; unmeasured pins returned to GND.
Parameter
Min
Max
Input capacitance
0
12 pF
Output capacitance
0
12 pF
I/O capacitance
0
12 pF
Notes:
[1] This applies to all pins except XTAL pins and where otherwise noted.
[2] There is no input protection diode from pin to V
DD.
[3] This excludes XTAL pins.
[4] Device pin is not at an output Low state.
Total power dissipation should not exceed 1.21 W for the
package. Power dissipation is calculated as follows:
Total Power Dissipation = V
DD x [ IDD – (sum of IOH) ]
+ sum of [ (V
DD – VOH) x IOH ]
+ sum of (V
0L x I0L)
Notice:
Stresses greater than those listed under Absolute Maxi-
mum Ratings may cause permanent damage to the de-
vice. This is a stress rating only; functional operation of the
device at any condition above those indicated in the
operational sections of these specifications is not implied.
Exposure to absolute maximum rating conditions for an
extended period may affect device reliability.
From Output
Under Test
150 pF
Test Load Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com