Electronic Components Datasheet Search
  English  ▼

X  

Z86C30 Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z86C30
Description  CMOS Z8 CONSUMER CONTROLLER PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C30 Datasheet(HTML) 4 Page - Zilog, Inc.

  Z86C30 Datasheet HTML 1Page - Zilog, Inc. Z86C30 Datasheet HTML 2Page - Zilog, Inc. Z86C30 Datasheet HTML 3Page - Zilog, Inc. Z86C30 Datasheet HTML 4Page - Zilog, Inc. Z86C30 Datasheet HTML 5Page - Zilog, Inc. Z86C30 Datasheet HTML 6Page - Zilog, Inc. Z86C30 Datasheet HTML 7Page - Zilog, Inc. Z86C30 Datasheet HTML 8Page - Zilog, Inc. Z86C30 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
CP96DZ82900
Z86C30/C31/C32/C40
CP96DZ82900
ZILOG
PIN DESCRIPTION (Continued)
1
2
9
3
4
5
6
7
8
40
39
38
37
36
35
34
33
32
/DS
P24
P12
P23
P22
P21
P20
P03
P13
R//W
XTAL2
P27
P04
P05
P06
P14
31
30
29
28
27
14
10
11
12
13
XTAL1
VCC
P16
P17
P25
GND
P02
P11
P10
P01
Z86C40
15
26
25
24
23
22
21
20
16
17
18
19
P15
P07
P26
P31
P34
/AS
P33
P32
P36
P00
P30
P37
P35
/RESET
40-Pin DIP Assignments
Pin #
Symbol
Function
Direction
1
R//W
Read/Write
Output
2-4
P25-27
Port 2, Pins 5,6,7
In/Output
5-7
P04-06
Port 0, Pins 4,5,6
In/Output
8-9
P14-15
Port 1, Pins 4,5
In/Output
10
P07
Port 0, Pin 7
In/Output
11
V
CC
Power Supply
12-13 P16-17
Port 1, Pins 6,7
In/Output
14
XTAL2
Crystal, Oscillator Clock Output
15
XTAL1
Crystal, Oscillator Clock Input
16-18 P31-33
Port 3, Pins 1,2,3
Input
19
P34
Port 3, Pin 4
Output
20
/AS
Address Strobe
Output
21
/RESET
Reset
Input
40-Pin Dual-In-Line Package Pin Identification
Pin #
Symbol
Function
Direction
22
P35
Port 3, Pin 5
Output
23
P37
Port 3, Pin 7
Output
24
P36
Port 3, Pin 6
Output
25
P30
Port 3, Pin 0
Input
26-27 P00-01
Port 0, Pin 0,1
In/Output
28-29 P10-11
Port 1, Pin 0,1
In/Output
30
P02
Port 0, Pin 2
In/Output
31
GND
Ground, GND
32-33 P12-13
Port 1, Pin 2,3
In/Output
34
P03
Port 0, Pin 3
In/Output
35-39 P20-24
Port 2, Pin 0,1,2,3,4
In/Output
40
/DS
Data Strobe
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com