Electronic Components Datasheet Search
  English  ▼

X  

Z86C64 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z86C64
Description  CMOS Z8 32K ROM MICROCONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C64 Datasheet(HTML) 1 Page - Zilog, Inc.

  Z86C64 Datasheet HTML 1Page - Zilog, Inc. Z86C64 Datasheet HTML 2Page - Zilog, Inc. Z86C64 Datasheet HTML 3Page - Zilog, Inc. Z86C64 Datasheet HTML 4Page - Zilog, Inc. Z86C64 Datasheet HTML 5Page - Zilog, Inc. Z86C64 Datasheet HTML 6Page - Zilog, Inc. Z86C64 Datasheet HTML 7Page - Zilog, Inc. Z86C64 Datasheet HTML 8Page - Zilog, Inc. Z86C64 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Z86C63/64
CPS DC-5461-02
PRELIMINARY
Z86C63/64
CMOS Z8®
32K ROM MICROCONTROLLER
GENERAL DESCRIPTION
The Z86C63/64 microcontroller introduces a new level of
sophistication to single-chip architecture. The Z86C63/64
is a member of the Z8 single-chip microcontroller family
with 32 Kbytes of ROM and 256 bytes of RAM.
The Z86C63 is housed in a 40-pin DIP, and a 44-pin PLCC
package, and is manufactured in CMOS technology. The
ROMless pin option is available on the 44-pin version only.
The Z86C64 is housed in a 64-pin DIP, and a 68-pin PLCC.
Both versions of the Z86C64 have the ROMless pin option,
which allows both external memory and preprogrammed
ROM, enabling this Z8 microcontroller to be used in high-
volume applications or where code flexibility is required.
The Z86C96 ROMless Z8 will support the Z86C63/64.
Zilog’s CMOS microcontroller offers fast execution, more
efficient use of memory, more sophisticated interrupts,
input/output bit manipulation capabilities, and easy hard-
ware/software system expansion along with low cost and
low power consumption.
The Z86C63/64 architecture is characterized by Zilog’s
8-bit microcontroller core. The device offers a flexible I/O
scheme, an efficient register and address space structure,
multiplexed capabilities between address/data, I/O, and a
number of ancillary features that are useful in many indus-
trial and advanced scientific applications.
For applications which demand powerful I/O capabilities,
the Z86C63 fulfills this with 32 pins dedicated to input and
output. These lines are grouped into four ports with eight
lines each. The Z86C64 has 52 pins for input and output,
and these lines are grouped into six, 8-bit ports and one
4-bit port. Each port is configurable under software control
to provide timing, status signals, serial or parallel
I/O with or without handshake, and an address/data bus
for interfacing external memory.
There are three basic address spaces available to support
this wide range of configurations: Program Memory, Data
Memory, and 236 General-Purpose Registers.
To unburden the program from coping with the real-time
problems such as counting/timing and serial data commu-
nication, the Z86C63/64 offers two on-chip counter/timers
with a large number of user selectable modes, and an
asynchronous receiver/transmitter (UART) (see Block Dia-
grams).
Notes:
All Signals with a preceding front slash, "/", are active Low, e.g.,
B//W (WORD is active Low); /B/W (BYTE is active Low, only).
Power connections follow conventional descriptions below:
Connection
Circuit
Device
Power
V
CC
V
DD
Ground
GND
V
SS
DC-5461-02 (12-13-93)
PRELIMINARY
CUSTOMER PROCUREMENT SPECIFICATION


Similar Part No. - Z86C64

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C60 ZILOG-Z86C60 Datasheet
58Kb / 7P
CMOS Z8 32KROMMICROCONTROLLER
Z86C61 ZILOG-Z86C61 Datasheet
388Kb / 46P
CMOS Z8 MICROCONTROLLER
Z86C6116PSC ZILOG-Z86C6116PSC Datasheet
388Kb / 46P
CMOS Z8 MICROCONTROLLER
Z86C6116VSC ZILOG-Z86C6116VSC Datasheet
388Kb / 46P
CMOS Z8 MICROCONTROLLER
Z86C62 ZILOG-Z86C62 Datasheet
388Kb / 46P
CMOS Z8 MICROCONTROLLER
More results

Similar Description - Z86C64

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C27 ZILOG-Z86C27 Datasheet
125Kb / 9P
CMOS Z8 MICROCONTROLLER
Z86C21 ZILOG-Z86C21 Datasheet
413Kb / 35P
8K ROM Z8 CMOS MICROCONTROLLER
Z86C96 ZILOG-Z86C96 Datasheet
124Kb / 11P
CMOS Z8 MICROCONTROLLER
Z86C47 ZILOG-Z86C47 Datasheet
106Kb / 8P
CMOS Z8 MICROCONTROLLER
Z86C61 ZILOG-Z86C61 Datasheet
388Kb / 46P
CMOS Z8 MICROCONTROLLER
Z86E47 ZILOG-Z86E47 Datasheet
111Kb / 8P
CMOS Z8 8BIT MICROCONTROLLER
Z86E61 ZILOG-Z86E61 Datasheet
466Kb / 44P
CMOS Z8 16K/32K EPROM MICROCONTROLLER
Z86C11 ZILOG-Z86C11 Datasheet
658Kb / 21P
CMOS Z8 Microcontroller
Z86C66 ZILOG-Z86C66 Datasheet
279Kb / 10P
CMOS Z8 16K ROM Microcontroller
Z86E6116PSC ZILOG-Z86E6116PSC Datasheet
2Mb / 69P
Z86E61/Z86E63 CMOS Z8 16K/32K EPROM Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com