Electronic Components Datasheet Search
  English  ▼

X  

Z86C64 Datasheet(PDF) 14 Page - Zilog, Inc.

Part # Z86C64
Description  CMOS Z8 32K ROM MICROCONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C64 Datasheet(HTML) 14 Page - Zilog, Inc.

Back Button Z86C64 Datasheet HTML 9Page - Zilog, Inc. Z86C64 Datasheet HTML 10Page - Zilog, Inc. Z86C64 Datasheet HTML 11Page - Zilog, Inc. Z86C64 Datasheet HTML 12Page - Zilog, Inc. Z86C64 Datasheet HTML 13Page - Zilog, Inc. Z86C64 Datasheet HTML 14Page - Zilog, Inc. Z86C64 Datasheet HTML 15Page - Zilog, Inc. Z86C64 Datasheet HTML 16Page - Zilog, Inc. Z86C64 Datasheet HTML 17Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
Z86C63/64
CPS DC-5461-02
PRELIMINARY
Clock
1
3
4
8
2
2
3
TIN
IRQN
6
5
7
7
9
Additional Timing
AC CHARACTERISTICS
Additional Timing Table
Z86C63 (Standard Mode Only)
T
A = 0°CTA = –40°C
to +70
°C
to +105
°C
20/16 MHz
20/16 MHz
No
Symbol
Parameter
Min
Max
Min
Max
Units
Notes
1
TpC
Input Clock Period
50/62.5 1000
50/62.5 1000
ns
[1]
2
TrC,TfC
Clock Input Rise & Fall Times
10
10
ns
[1]
3
TwC
Input Clock Width
25/31
25/31
ns
[1]
4
TwTinL
Timer Input Low Width
75
75
ns
[2]
5
TwTinH
Timer Input High Width
5 TpC
5 TpC
ns
[2]
6
TpTin
Timer Input Period
8 TpC
8 TpC
ns
[2]
7
TrTin,TfTin
Timer Input Rise and Fall Times
100
100
ns
[2]
8a
TwIL
Interrupt Request Input Low Times
70
50
ns
[2,4]
8b
TwIL
Interrupt Request Input Low Times
5 TpC
5 TpC
ns
[2,5]
9
TwIH
Interrupt Request Input High Times
5 TpC
5 TpC
ns
[2,3]
Notes:
[1] Clock timing references use 0.85V
CC for a logic 1 and 0.8V for a logic 0.
[2] Timing references use 2.0V for a logic 1 and 0.8V for a logic 0.
[3] Interrupt references request through Port 3.
[4] Interrupt request through Port 3 (P33-P31).
[5] Interrupt request through Port 30.
AC CHARACTERISTICS
Additional Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com