Electronic Components Datasheet Search
  English  ▼

X  

Z86C64 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # Z86C64
Description  CMOS Z8 32K ROM MICROCONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C64 Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button Z86C64 Datasheet HTML 2Page - Zilog, Inc. Z86C64 Datasheet HTML 3Page - Zilog, Inc. Z86C64 Datasheet HTML 4Page - Zilog, Inc. Z86C64 Datasheet HTML 5Page - Zilog, Inc. Z86C64 Datasheet HTML 6Page - Zilog, Inc. Z86C64 Datasheet HTML 7Page - Zilog, Inc. Z86C64 Datasheet HTML 8Page - Zilog, Inc. Z86C64 Datasheet HTML 9Page - Zilog, Inc. Z86C64 Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Z86C63/64
CPS DC-5461-02
PRELIMINARY
Z86C64 64-Pin DIP Pin Identification
Pin #
Symbol
Function
Direction
1
P44
Port 4, Pin 4
In/Output
2V
CC
Power Supply
Input
3
P45
Port 4, Pin 5
In/Output
4
XTAL2
Crystal, Oscillator Clock
Output
5
XTAL1
Crystal, Oscillator Clock
Input
6
P37
Port 3, Pin 7
Output
7
P30
Port 3, Pin 0
Input
8
N/C
Not Connected
Input
9
/RESET
Reset
Input
10
R//W
Read/Write
Output
11
/DS
Data Strobe
Output
12-13
P47-P46 Port 4, Pin 6,7
In/Output
14
/AS
Address Strobe
Output
15
P35
Port 3, Pin 5
Output
16
/ROMless ROM/ROMless control
Input
17
GND
Ground
Input
18
P32
Port 3, Pin 2
Input
19-20
P51-P50 Port 5, Pin 0,1
In/Output
21-28
P07-P00 Port 0, Pins 0,1,2,3,4,5,6,7 In/Output
29
V
CC
Power Supply
Input
30-33
P52-P55 Port 5, Pins 2,3,4,5
In/Output
34-35
P11-P10 Port 1, Pins 0,1
In/Output
36-37
P57-P56 Port 5, Pins 6,7
In/Output
38-43
P17-P12 Port 1, Pins 2,3,4,5,6,7
In/Output
44-45
P63-P62 Port 6, Pins 3,2
In/Output
46
P34
Port 3, Pin 4
Output
47
P33
Port 3, Pin 3
Input
48
GND
Ground
Input
49-50
P21-P20 Port 2, Pins 0,1
In/Output
51-52
P61-P60 Port 6, Pins 1,0
In/Output
53-58
P27-P22 Port 2, Pins 2,3,4,5,6,7
In/Output
59-60
P41-P40 Port 4, Pins 0,1
In/Output
61
P31
Port 3, Pin 1
Input
62
P36
Port 3, Pin 6
Output
63
P42
Port 4, Pin 2
In/Output
64
P43
Port 4, Pin 3
In/Output
Z86C64 64-Pin DIP Pin Assignments
P44
VCC
P45
XTAL2
P47
/AS
P35
/ROMless
GND
P32
P50
P51
P43
P42
P36
P31
P41
P40
P27
P26
P25
P24
P23
P22
P60
P61
P21
P20
GND
P33
P34
P62
XTAL1
P37
P30
N/C
/RESET
R//W
/DS
P46
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
Z86C64
DIP
P00
P01
P02
P03
P63
P17
P16
P15
21
22
23
24
43
42
41
40
P06
P07
VCC
P52
P53
P54
P14
P13
P12
P57
P56
P11
P10
P55
P04
P05
25
26
27
28
29
30
31
32
39
38
37
36
35
34
33
64
PIN DESCRIPTION (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com