Electronic Components Datasheet Search
  English  ▼

X  

F0480 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # F0480
Description  Matched Broadband RF VGA
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F0480 Datasheet(HTML) 2 Page - Integrated Device Technology

  F0480 Datasheet HTML 1Page - Integrated Device Technology F0480 Datasheet HTML 2Page - Integrated Device Technology F0480 Datasheet HTML 3Page - Integrated Device Technology F0480 Datasheet HTML 4Page - Integrated Device Technology F0480 Datasheet HTML 5Page - Integrated Device Technology F0480 Datasheet HTML 6Page - Integrated Device Technology F0480 Datasheet HTML 7Page - Integrated Device Technology F0480 Datasheet HTML 8Page - Integrated Device Technology F0480 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Matched Broadband RF VGA
400MHz to 2700MHz
Glitch-Free
TM, Zero-DistortionTM, RF VGA
2
Rev 3, April 2015
IDTF0480NBGI
Datasheet
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Units
VCC to GND
VCC
-0.3
+5.5
V
SPI DATA, SPI CSb, SPI CLK, LogicCTL
VdiD
-0.3
+3.6
V
STBY, Band_Select
VCntl
-0.3
Vcc + 0.25
V
R_Bias1
IR1
+1.5
mA
R_Bias2
IR1
+0.8
mA
RFIN externally applied DC voltage
VRFin
+1.4
+3.6
V
RFOUT externally applied DC voltage
VRFout
Vcc - 0.15
Vcc + 0.15
V
RF Input Power (RFIN) applied for 24
hours maximum
Pin
+22
dBm
Continuous Power Dissipation
Pdiss
1.5
W
Junction Temperature
Tj
150
°C
Storage Temperature Range
Tst
-65
150
°C
Lead Temperature (soldering, 10s)
260
°C
ElectroStatic Discharge – HBM
(JEDEC/ESDA JS-001-2012)
Class 2
(2000 V)
ElectroStatic Discharge – CDM
(JEDEC 22-C101F)
Class C2
(500 V)
Stresses above those listed above may cause permanent damage to the device. Functional operation of the device at
these or any other conditions above those indicated in the operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL AND MOISTURE CHARACTERISTICS
θJA (Junction – Ambient)
40 °C/W
θJC (Junction – Case) The Case is defined as the exposed paddle
4 °C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com