Electronic Components Datasheet Search
  English  ▼

X  

F0480 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # F0480
Description  Matched Broadband RF VGA
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F0480 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button F0480 Datasheet HTML 9Page - Integrated Device Technology F0480 Datasheet HTML 10Page - Integrated Device Technology F0480 Datasheet HTML 11Page - Integrated Device Technology F0480 Datasheet HTML 12Page - Integrated Device Technology F0480 Datasheet HTML 13Page - Integrated Device Technology F0480 Datasheet HTML 14Page - Integrated Device Technology F0480 Datasheet HTML 15Page - Integrated Device Technology F0480 Datasheet HTML 16Page - Integrated Device Technology F0480 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Matched Broadband RF VGA
400MHz to 2700MHz
Glitch-Free
TM, Zero-DistortionTM, RF VGA
13
Rev 3, April 2015
IDTF0480NBGI
Datasheet
TOCS [GAIN, S-PARAMS WITHOUT C5, ATTN ERROR] (-3-)
Gain vs. Temperature and Voltage
S11 (device only) [TAMB = 25C, VCC = 5.00 Volts]
S12 (device only) [TAMB = 25C, VCC = 5.00 Volts]
S21 (device only) [TAMB = 25C, VCC = 5.00 Volts]
S22 (device only) [TAMB = 25C, VCC = 5.00 Volts]
INL (device only) [TAMB = 25C, VCC = 5.00V]
6
7
8
9
10
11
12
13
14
15
16
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
-40C / 5.25V / 0dBm / 1MHz / 0dB
-40C / 5.00V / 0dBm / 1MHz / 0dB
-40C / 4.75V / 0dBm / 1MHz / 0dB
35C / 5.25V / 0dBm / 1MHz / 0dB
35C / 5.00V / 0dBm / 1MHz / 0dB
35C / 4.75V / 0dBm / 1MHz / 0dB
105C / 5.25V / 0dBm / 1MHz / 0dB
105C / 5.00V / 0dBm / 1MHz / 0dB
105C / 4.75V / 0dBm / 1MHz / 0dB
RF Frequency (GHz)
Mid-Band Configuration
Low-Band
Configuration
High-Band
Configuration
-40
-35
-30
-25
-20
-15
-10
-5
0
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
RF Frequency (GHz)
0dB
1dB
2dB
3dB
4dB
5dB
6dB
7dB
8dB
9dB
10dB
11dB
12dB
13dB
14dB
15dB
16dB
17dB
18dB
19dB
20dB
21dB
22dB
23dB
-45
-40
-35
-30
-25
-20
-15
-10
-5
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
RF Frequency (GHz)
0dB
1dB
2dB
3dB
4dB
5dB
6dB
7dB
8dB
9dB
10dB
11dB
12dB
13dB
14dB
15dB
16dB
17dB
18dB
19dB
20dB
21dB
22dB
23dB
-15
-10
-5
0
5
10
15
20
25
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
RF Frequency (GHz)
0dB
1dB
2dB
3dB
4dB
5dB
6dB
7dB
8dB
9dB
10dB
11dB
12dB
13dB
14dB
15dB
16dB
17dB
18dB
19dB
20dB
21dB
22dB
23dB
-40
-35
-30
-25
-20
-15
-10
-5
0
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
RF Frequency (GHz)
0dB
1dB
2dB
3dB
4dB
5dB
6dB
7dB
8dB
9dB
10dB
11dB
12dB
13dB
14dB
15dB
16dB
17dB
18dB
19dB
20dB
21dB
22dB
23dB
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
2
4
6
8
10
12
14
16
18
20
22
24
Attenuation Setting (dB)
0.7 GHz
0.9 GHz
1.7 GHz
1.9 GHz
2.3 GHz
2.7 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com