Electronic Components Datasheet Search
  English  ▼

X  

F0480 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # F0480
Description  Matched Broadband RF VGA
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F0480 Datasheet(HTML) 1 Page - Integrated Device Technology

  F0480 Datasheet HTML 1Page - Integrated Device Technology F0480 Datasheet HTML 2Page - Integrated Device Technology F0480 Datasheet HTML 3Page - Integrated Device Technology F0480 Datasheet HTML 4Page - Integrated Device Technology F0480 Datasheet HTML 5Page - Integrated Device Technology F0480 Datasheet HTML 6Page - Integrated Device Technology F0480 Datasheet HTML 7Page - Integrated Device Technology F0480 Datasheet HTML 8Page - Integrated Device Technology F0480 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Matched Broadband RF VGA
400MHz to 2700MHz
Glitch-Free
TM, Zero-DistortionTM, RF VGA
1
Rev 3, April 2015
IDTF0480NBGI
Datasheet
GENERAL DESCRIPTION
This document describes the specifications for the
IDTF0480 400 MHz to 2700 MHz RF Digital Variable Gain
Amplifier used in receiver, transmitter and other
applications.
IDTF0480 RF DVGA provides 13 dB typical maximum
gain (no attenuation) with 4 dB noise figure and 23 dB
gain adjustment in 1 dB steps designed to operate
with a single 5 V supply. Nominally, the device offers
+41 dBm output IP3 using 100 mA of ICC.
This device is packaged in a 5x5 32-pin thin QFN with
50 ohm single-ended RF input and RF output
impedances for ease of integration into the signal-path
lineup.
COMPETITIVE ADVANTAGE
In many applications, digital step attenuators followed
by RF amplifiers are used in the Receive path. The
IDTF0480 RF DVGA provides very high reliability by
combining a silicon Glitch-Free
TM DSA & a Zero-
Distortion
TM RF amplifier in a single, compact QFN
package. Utilizing IDT’s technology, the resultant RF
VGA provides +41 dBm OIP3 performance across a very
wide bandwidth of 400 MHz to 2700 MHz at
approximately 100 mA of current. Furthermore the
device is internally matched so there is no need to
optimize external matching elements.
APPLICATIONS
•
Multi-mode, Multi-carrier Receivers
•
PCS1900 Base Stations
•
DCS1800 Base Stations
•
WiMAX and LTE Base Stations
•
UMTS/WCDMA 3G Base Stations
•
PHS/PAS Base Stations
•
Point to Point Infrastructure
•
Public Safety Infrastructure
•
Broadband Repeaters
•
GPS Receivers
•
Distributed Antenna Systems
•
Cable Infrastructure
•
Digital Radio
FEATURES
•
400 MHz – 2700 MHz
•
< 1 dB overshoot between gain transitions
•
13 dB typical max gain
•
23 dB gain range, 1 dB gain step resolution
•
Excellent linearity +41 dBm OIP3
•
Noise Figure 4 dB
•
ICC = 100 mA
•
1.3 mA standby current
•
SPI interface
•
50
input and output impedance
•
Broadband, Internally Matched
•
Gain increases vs. frequency to counteract
system board losses
•
5x5 32-pin TQFN package
DEVICE BLOCK DIAGRAM
ORDERING INFORMATION
Glitch-Free
TM
Glitch-Free
TM
Zero-Distortion
TM
Zero-Distortion
TM
IDTF0480NBGI8
0.75 mm height
package
Green
Omit IDT
prefix
RF product Line
Tape &
Reel


Similar Part No. - F0480

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F0480 RENESAS-F0480 Datasheet
2Mb / 28P
400 MHz ??2700 MHz 13 dB typical max gain
F0480EVKIT RENESAS-F0480EVKIT Datasheet
2Mb / 28P
400 MHz ??2700 MHz 13 dB typical max gain
More results

Similar Description - F0480

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
Broadband RF Power MOSFET Broadband RF Power MOSFET
logo
Infineon Technologies A...
BFR843EL3 INFINEON-BFR843EL3 Datasheet
1Mb / 27P
Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2014-08-05
BFP843F INFINEON-BFP843F Datasheet
1Mb / 26P
Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2013-06-19
BFP843 INFINEON-BFP843 Datasheet
1Mb / 26P
Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2013-06-19
logo
Integrated Device Techn...
F2480 IDT-F2480 Datasheet
3Mb / 34P
Broadband RF Analog VGA 400 to 3000 MHz
logo
Renesas Technology Corp
F0440 RENESAS-F0440 Datasheet
2Mb / 31P
Dual Matched Broadband RF DVGA 450MHz to 2700MHz
F0443 RENESAS-F0443 Datasheet
6Mb / 65P
Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
F0448 RENESAS-F0448 Datasheet
3Mb / 35P
Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
F2480 RENESAS-F2480 Datasheet
4Mb / 35P
Broadband RF Analog VGA 400 to 3000 MHz
F0440 RENESAS-F0440_V01 Datasheet
3Mb / 29P
Dual Matched Broadband RF DVGA 400MHz to 2700MHz
November 4, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com