Electronic Components Datasheet Search
  English  ▼

X  

F1950Z Datasheet(PDF) 1 Page - Integrated Device Technology

Part # F1950Z
Description  7-bit 0.25 dB Digital Step Attenuator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1950Z Datasheet(HTML) 1 Page - Integrated Device Technology

  F1950Z Datasheet HTML 1Page - Integrated Device Technology F1950Z Datasheet HTML 2Page - Integrated Device Technology F1950Z Datasheet HTML 3Page - Integrated Device Technology F1950Z Datasheet HTML 4Page - Integrated Device Technology F1950Z Datasheet HTML 5Page - Integrated Device Technology F1950Z Datasheet HTML 6Page - Integrated Device Technology F1950Z Datasheet HTML 7Page - Integrated Device Technology F1950Z Datasheet HTML 8Page - Integrated Device Technology F1950Z Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
7-bit 0.25 dB Digital Step Attenuator
150 MHz to 4000 MHz
Glitch-Free
TM Digital Step Attenuator
1
Rev1 March 2012
IDTF1950
DATASHEET
GENERAL DESCRIPTION
This document describes the specification for the
IDTF1950 Digital Step Attenuator. The F1950 is part of a
family of
Glitch-Free
TM DSAs optimized for the demanding
requirements of communications Infrastructure. These
devices are offered in a compact 4x4 QFN package with
50
impedances for ease of integration into the radio
system.
COMPETITIVE ADVANTAGE
Digital step attenuators are used in Receivers and
Transmitters to provide gain control. The IDTF1950 is a
7-bit step attenuator optimized for these demanding
applications. The silicon design has very low insertion
loss and low distortion (+65 dBm IP3I.) The device has
pinpoint accuracy and settles to final attenuation value
within 400 nsec. Most importantly, the F1950 includes
IDT’s
G
Glliittc
ch
h--F
Frre
ee
eT
TM
M technology which results in less
than 0.6 dB of overshoot ringing during MSB transitions.
This is in stark contrast to competing DSAs that
glitch as
much as 10 dB during MSB transitions (see p.10)
L
Lo
ow
we
esstt iin
nsse
errttiio
on
n llo
ossss ffo
orr b
be
esstt S
SN
NR
R
G
Glliittcch
h--F
Frre
ee
eT
TM
M w
wh
he
en
n ttrra
an
nssiittiio
on
niin
ng
g –
–
w
wo
on
n’’tt d
da
am
ma
ag
ge
e P
PA
A o
orr A
AD
DC
C
E
Ex
xttrre
em
me
elly
y a
accccu
urra
atte
e w
wiitth
h llo
ow
w d
diisstto
orrttiio
on
n
APPLICATIONS
•
Base Station 2G, 3G, 4G, TDD radiocards
•
Repeaters and E911 systems
•
Digital Pre-Distortion
•
Point to Point Infrastructure
•
Public Safety Infrastructure
•
WIMAX Receivers and Transmitters
•
Military Systems, JTRS radios
•
RFID handheld and portable readers
•
Cable Infrastructure
PART# MATRIX
Part#
Freq range
Resolution
/ Range
Control
IL
Pinout
F
F1
19
95
50
0
1
15
50
0 -- 4
40
00
00
0
0
0..2
25
5 // 3
31
1..7
75
5
P
Pa
arra
alllle
ell &
&
S
Se
erriia
all
--1
1..3
3
P
PE
E
F1951
100 - 4000
0.50 / 31.5
Serial Only
-1.2
HITT
F1952
100 – 4000
0.50 / 15.5
Serial Only
-0.9
HITT
FEATURES
•
Glitch-Free
TM, < 0.6 dB transient overshoot
•
Spurious Free Design
•
3V to 5V supply
•
Attenuation Error < 0.3 dB @ 2 GHz
•
Low Insertion Loss < 1.3 dB @ 2 GHz
•
Excellent Linearity +65 dBm IP3I
•
Fast settling time, < 400 nsec
•
Class 2 JEDEC ESD (> 2kV HBM)
•
Serial & Parallel Interface 31.75 dB Range
•
4x4 mm Thin QFN 24 pin package
DEVICE BLOCK DIAGRAM
ORDERING INFORMATION
RF1
Bias
VDD
VMODE
DEC
D[6:0]
7
CLK
SPI
LE
DATA
RF2
IDTF1950NBGI8
0.8 mm height
package
Green
Industrial
Temp range
Tape &
Reel
Omit IDT
prefix
RF product Line
Glitch-Free
TM
Glitch-Free
TM


Similar Part No. - F1950Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1950Z RENESAS-F1950Z Datasheet
2Mb / 20P
Spurious Free Design Attenuation Error < 0.3 dB @ 2 GHz
F1950Z RENESAS-F1950Z Datasheet
2Mb / 19P
7-Bit 0.25dB Digital step Attenuator 150MHz to 5000MHz
Jul 12, 2021
More results

Similar Description - F1950Z

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC759LP3E HITTITE-HMC759LP3E Datasheet
471Kb / 8P
0.25 dB LSB BiCMOS MMIC 7-BIT DIGITAL ATTENUATOR, 10 - 300 MHz
HMC759LP3E HITTITE-HMC759LP3E_10 Datasheet
826Kb / 8P
0.25 dB LSB BiCMOS MMIC 7-BIT DIGITAL ATTENUATOR, 10 - 300 MHz
logo
Integrated Device Techn...
IDTF1951 IDT-IDTF1951 Datasheet
2Mb / 17P
6-bit 0.5 dB Digital Step Attenuator
F1956 IDT-F1956 Datasheet
7Mb / 23P
7-Bit 0.25 dB Wideband Digital Step Attenuator
logo
Peregrine Semiconductor
PE43704 PSEMI-PE43704 Datasheet
1Mb / 20P
RF Digital Step Attenuator, 7-bit
PE43705 PSEMI-PE43705 Datasheet
711Kb / 18P
RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz ??8 GHz
logo
Integrated Device Techn...
F1951 IDT-F1951 Datasheet
1Mb / 20P
6-bit 0.5 dB Digital Step Attenuator
IDTF1950 IDT-IDTF1950_17 Datasheet
1Mb / 18P
7-bit 0.25 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1956 RENESAS-F1956 Datasheet
6Mb / 24P
7-Bit 0.25 dB Wideband Digital Step Attenuator
F1977 RENESAS-F1977 Datasheet
10Mb / 22P
7-Bit, 75 W, Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com