Electronic Components Datasheet Search
  English  ▼

X  

F1950Z Datasheet(PDF) 13 Page - Integrated Device Technology

Part # F1950Z
Description  7-bit 0.25 dB Digital Step Attenuator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1950Z Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button F1950Z Datasheet HTML 9Page - Integrated Device Technology F1950Z Datasheet HTML 10Page - Integrated Device Technology F1950Z Datasheet HTML 11Page - Integrated Device Technology F1950Z Datasheet HTML 12Page - Integrated Device Technology F1950Z Datasheet HTML 13Page - Integrated Device Technology F1950Z Datasheet HTML 14Page - Integrated Device Technology F1950Z Datasheet HTML 15Page - Integrated Device Technology F1950Z Datasheet HTML 16Page - Integrated Device Technology F1950Z Datasheet HTML 17Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
7-bit 0.25 dB Digital Step Attenuator
150 MHz to 4000 MHz
Glitch-Free
TM Digital Step Attenuator
13
Rev1 March 2012
IDTF1950
DATASHEET
PIN DESCRIPTIONS
Pin # Pin Name Pin Function
1
DO
Parallel Control – 0.25 dB attenuation step. Pull high for 0.25 dB Attenuation.
2
VDD
Main Supply. Use 3.3V or 5V. Current is < 1 mA.
3
VMODE
Pull low for parallel mode. Pull high or leave unconnected for serial mode.
4
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
5
RF1
Device RF input or output (bi-directional). Must AC couple to this pin.
6
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
7
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
8
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
9
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
10
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
11
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
12
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
13
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
14
RF2
Device RF input or output (bi-directional). Must AC couple to this pin.
15
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
16
LE
Latch Enable. Serial Data latched into active register on rising edge.
17
CLK
Serial Clock Input
18
DATA
Serial Data Input
19
D6
Parallel Control – 16 dB attenuation step. Pull high for 16 dB Attenuation.
20
D5
Parallel Control – 8 dB attenuation step. Pull high for 8 dB Attenuation.
21
D4
Parallel Control – 4 dB attenuation step. Pull high for 4 dB Attenuation.
22
D3
Parallel Control – 2 dB attenuation step. Pull high for 2 dB Attenuation.
23
D2
Parallel Control – 1 dB attenuation step. Pull high for 1 dB Attenuation.
24
D1
Parallel Control – 0.5 dB attenuation step. Pull high for 0.5 dB Attenuation.
EP
Exposed
Paddle
Connect to Ground with multiple vias for good thermal relief.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com