Electronic Components Datasheet Search
  English  ▼

X  

PACUSBU Datasheet(PDF) 1 Page - ON Semiconductor

Part # PACUSBU
Description  Upstream USB Port Terminator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACUSBU Datasheet(HTML) 1 Page - ON Semiconductor

  PACUSBU Datasheet HTML 1Page - ON Semiconductor PACUSBU Datasheet HTML 2Page - ON Semiconductor PACUSBU Datasheet HTML 3Page - ON Semiconductor PACUSBU Datasheet HTML 4Page - ON Semiconductor PACUSBU Datasheet HTML 5Page - ON Semiconductor PACUSBU Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 Semiconductor Components Industries, LLC, 2011
October, 2011 − Rev. 3
1
Publication Order Number:
PACUSBU/D
PACUSBU
Upstream USB Port
Terminator
Product Description
The PACUSB−U1, PACUSB−U2, and PACUSB−U3 are
single−channel USB upstream−port termination networks.
The PACUSB−U1/U2/U3 integrate EMI/RFI filter components R1
and C1, as recommended by the USB specification. Because these are
upstream USB devices, they are terminated with a single 1.5 kW
pull−up resistor to V3.3 (R2).
There are three options for the value of the series resistor R1:
For PACUSB−U1, R1 = 15 W
For PACUSB−U2, R1 = 33 W
For PACUSB−U3, R1 = 22 W
This series resistance plus the USB driver output resistance must be
close to the USB cable’s characteristic impedance of 45
W (90 W
balanced) to minimize transmission line reflections.
In addition, these parts provide a very high level of protection for
sensitive electronic components that may be subjected to electrostatic
discharge (ESD). The input and output pins are designed and
characterized to dissipate ESD strikes of 15 kV safely, a level well
beyond the maximum requirements of the IEC 61000−4−2
international standard.
Using the MIL−STD−883D (Method 3015) specification for Human
Body Model (HBM) ESD, all pins are protected for contact discharges
to greater than 30 kV.
The PACUSB−U1/U2/U3 is housed in either a 6−pin SC70 or 6−pin
SOT23 package and is available with optional lead−free finishing.
Features
One Upstream USB Port Terminator, EMI Filter and Transient
Overvoltage Protector in a Single Surface−Mount Package
Compact SC70 or SOT23 Package Saves Board Space and
Lowers Manufacturing Costs Compared to Discrete Solutions
ESD Protection to 30 kV Contact Discharge per
MIL−STD−883D, Method 3015
ESD Protection to 15 kV Contact Discharge per IEC 61000−4−2
International Standard
These Devices are Pb−Free and are RoHS Compliant
Applications
ESD Protection and Termination of USB Port
All USB Peripherals (PC Printers, Scanners, Zip Drives, etc.)
PDAs/Handheld PCs
Digital Cameras
Wireless Handsets
MP3 Players
Cable Modems
http://onsemi.com
MARKING DIAGRAM
Device
Package
Shipping†
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
PACUSB−U2Y6R
SOT23−6
(Pb−Free)
3000/Tape & Reel
ELECTRICAL SCHEMATIC
1
2
4
6
R1
3
R1
R2
C1
C1
GND
PACUSB−U3Y6R
SOT23−6
(Pb−Free)
3000/Tape & Reel
PACUSB−U1R
SC70−6
(Pb−Free)
3000/Tape & Reel
PACUSB−U2R
SC70−6
(Pb−Free)
3000/Tape & Reel
PACUSB−U3R
SC70−6
(Pb−Free)
3000/Tape & Reel
UxYR
UxYR
= Specific Device Code
UxR
= Specific Device Code
x
= 1, 2, 3
UxR
5
D1_i
D2_i
V3.3
D1_c
D2_c
i = input; c = connector
SOT23−6
CASE 527AJ
SC70−6
CASE 419AD


Similar Part No. - PACUSBU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACUSBU-S ONSEMI-PACUSBU-S Datasheet
115Kb / 6P
Upstream USB Port Terminator
October, 2011 ??Rev. 3
More results

Similar Description - PACUSBU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF2221W1T2 ONSEMI-NUF2221W1T2 Datasheet
45Kb / 6P
USB Upstream Terminator with ESD Protection
June, 2003 - Rev. 1
logo
Littelfuse
SPUSB1AJT LITTELFUSE-SPUSB1AJT Datasheet
62Kb / 3P
TVS Diode Arrays - Upstream USB Port Terminator with ESD Suppression & EMI Filtering
logo
California Micro Device...
PACUSB-U1 CALMIRCO-PACUSB-U1 Datasheet
118Kb / 7P
Upstream USB Port Terminator
logo
ON Semiconductor
NUF2015W1 ONSEMI-NUF2015W1 Datasheet
140Kb / 6P
USB Upstream Terminator with ESD Protection
March, 2006 ??Rev. 3
NUF2030XV6 ONSEMI-NUF2030XV6 Datasheet
56Kb / 6P
USB Upstream Terminator with ESD Protection
July, 2005 ??Rev. 2
NUF2221W1T2 ONSEMI-NUF2221W1T2_05 Datasheet
60Kb / 6P
USB Upstream Terminator with ESD Protection
June, 2005 ??Rev. 2
NUF2221W1 ONSEMI-NUF2221W1 Datasheet
134Kb / 5P
USB Upstream Terminator with ESD Protection
November, 2008 ??Rev. 0
PACUSB-U1 ONSEMI-PACUSB-U1 Datasheet
114Kb / 9P
Upstream USB Port Terminator
June 2010 ??Rev. 2
logo
Semtech Corporation
STF203-15 SEMTECH-STF203-15 Datasheet
174Kb / 6P
USB Upstream Port Filter and TVS
logo
ON Semiconductor
PACUSBU-S ONSEMI-PACUSBU-S Datasheet
115Kb / 6P
Upstream USB Port Terminator
October, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com