Electronic Components Datasheet Search
  English  ▼

X  

PACUSBU Datasheet(PDF) 3 Page - ON Semiconductor

Part # PACUSBU
Description  Upstream USB Port Terminator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACUSBU Datasheet(HTML) 3 Page - ON Semiconductor

  PACUSBU Datasheet HTML 1Page - ON Semiconductor PACUSBU Datasheet HTML 2Page - ON Semiconductor PACUSBU Datasheet HTML 3Page - ON Semiconductor PACUSBU Datasheet HTML 4Page - ON Semiconductor PACUSBU Datasheet HTML 5Page - ON Semiconductor PACUSBU Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PACUSBU
http://onsemi.com
3
SPECIFICATIONS (Cont’d)
Table 4. ELECTRICAL OPERATING CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Typ
Max
Units
R1
Resistance R1 (PACUSB−U1 Only)
Measured at TA = 25C
12
15
18
W
R1
Resistance R1 (PACUSB−U2 Only)
Measured at TA = 25C
26
33
40
W
R1
Resistance R1 (PACUSB−U3 Only)
Measured at TA = 25C
18
22
26
W
R2
Resistance R2
Measured at TA = 25C
1.2
1.5
1.8
kW
C1
Capacitance C1
Measured at 1 MHz, 2.5 V DC,
TA = 25C
38
47
56
pF
ILEAK
Diode Leakage Current to GND
At 3.3 V DC and TA = 25C
1
100
nA
VD1
Diode Reverse−Biased Stand−Off
Voltage
I = 10 mA, TA = 25C
5.5
V
VD2
Signal Clamp Voltage
Positive Clamp
Negative Clamp
@ 10 mA, TA = 25C
@ 10 mA, TA = 25C
5.6
−1.2
6.8
−0.8
8.0
−0.4
V
VESD
In−system ESD Withstand Voltage
Human Body Model, MIL−STD−883,
Method 3015
IEC 61000−4−2, Contact Discharge
Method (I/O pins)
IEC 61000−4−2, Contact Discharge
Method (V3.3 Pin)
(Note 1)
(Note 1)
(Note 1)
30
15
25
kV
VCLAMP
Clamping Voltage during ESD Discharge
Positive
Negative
MIL−STD−883, Method 3015, 8 kV
(Note 1)
10
−5
V
1. ESD applied to input/output/V3.3 pins with respect to GND, one at a time. Clamping voltage is measured at the opposite side of the EMI filter
to the ESD pin (i.e., if ESD is applied to pin 1, then clamping voltage is measured at pin 6). Unused pins are open.
APPLICATION INFORMATION
The PACUSB−U1/U2/U3 is targeted for upstream USB ports (peripherals). It provides series termination, EMI filtering, and
ESD protection for the two USB data lines D+ and D−.
The USB Specification revision 1.1 provides for two data rates:
The Full Speed signaling bit rate at 12 Mbits per second, and
The Low Speed signaling bit rate at 1.5 Mbits per second.
The speed is selected by connecting one of the data lines (D+ or D−) to a 3.3 V supply voltage via a 1.5 k
W pull−up resistor
(R2).
Connections for Full Speed Operation
Full Speed devices have the pull−up resistor (R2) connected to the D+ data line, as shown in Figure 1. Pin1 is tied to the D+
line of the USB controller. Pin 6 is connected to the D+ line on the USB connector.
Connections for Low Speed Operation
Low Speed devices have the pull−up resistor (R2) connected to the D− data line, as shown in Figure 2. Pin 1 is tied to the
D− line of the USB controller; pin 6 is connected to the D− line on the USB connector.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com