Electronic Components Datasheet Search
  English  ▼

X  

PACUSBU Datasheet(PDF) 2 Page - ON Semiconductor

Part # PACUSBU
Description  Upstream USB Port Terminator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACUSBU Datasheet(HTML) 2 Page - ON Semiconductor

  PACUSBU Datasheet HTML 1Page - ON Semiconductor PACUSBU Datasheet HTML 2Page - ON Semiconductor PACUSBU Datasheet HTML 3Page - ON Semiconductor PACUSBU Datasheet HTML 4Page - ON Semiconductor PACUSBU Datasheet HTML 5Page - ON Semiconductor PACUSBU Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PACUSBU
http://onsemi.com
2
PACKAGE / PINOUT DIAGRAMS
6−Pin SC70
D1_i
1
D1_c
2
34
6
GND
D2_i
D2_c
6−Pin SOT23
D1_i
1
D1_c
2
34
6
GND
D2_i
D2_c
Top View
Top View
Note 1: The “x” shown in part markings above represents either the digit “1”, “2” or “3.”
Note 2: SOT23 and SC70 package sizes may differ. These drawing are not in scale.
V3.3
V3.3
55
Table 1. PIN DESCRIPTIONS
Pin
Name
Description
1
D1_i
The USB Controller side of the D+ or D− bidirectional transmission line of the differential pair
defined by USB standards.
2
GND
The ground reference for the PACUSB−U1/U2/U3 device.
3
D2_i
The USB Controller side of the D− or D+ bidirectional transmission line of the differential pair
defined by USB standards.
4
D2_c
The connector side of the D− or D+ bidirectional transmission line of the differential pair defined
by USB standards.
5
V3.3
The 3.3 V supply voltage for the PACUSB−U1/U2/U3 device.
6
D1_c
The connector side of the D+ or D− bidirectional transmission line of the differential pair defined
by USB standards.
SPECIFICATIONS
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
V3.3 (Supply Voltage)
5.5
V
Operating Temperature Range
−40 to +85
C
Storage Temperature Range
−65 to +150
C
DC Power to Resistor
100
mW
Package Power
200
mW
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 3. STANDARD OPERATING CONDITIONS
Parameter
Rating
Units
V3.3 (Supply Voltage)
3.3
V
Ambient Operating Temperature
−40 to +85
C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com