Electronic Components Datasheet Search
  English  ▼

X  

LM833 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM833
Description  Dual High-Speed Audio Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM833 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM833 Datasheet HTML 5Page - Texas Instruments LM833 Datasheet HTML 6Page - Texas Instruments LM833 Datasheet HTML 7Page - Texas Instruments LM833 Datasheet HTML 8Page - Texas Instruments LM833 Datasheet HTML 9Page - Texas Instruments LM833 Datasheet HTML 10Page - Texas Instruments LM833 Datasheet HTML 11Page - Texas Instruments LM833 Datasheet HTML 12Page - Texas Instruments LM833 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
0
5
10
15
20
25
30
35
40
45
50
1.0E+03
1.0E+04
1.0E+05
1.0E+06
1.0E+07
f – Frequency – Hz
VCC+ = 15 V
VCC– = –15 V
VO = 1 Vrms
TA = 25°C
1k
10k
100k
1M
10M
A = 1
V
A = 10
V
A = 100
V
A = 1000
V
100
110
120
130
140
150
160
170
180
190
200
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
f – Frequency – Hz
1k
10k
100k
Drive Channel
V
= 15 V
V
= –15 V
R = 2 k
V = 20 V
T = 25°C
CC+
CC–
L
O
PP
A
W
10
100
80
85
90
95
100
105
110
5
6
7
8
9 10 11 12 13 14 15 16 17 18
VCC+/–VCC– – Supply Voltage – V
R = 2 k
f < 10 Hz
V = 2/3(V
– V
)
T = 25°C
L
O
CC+
CC–
A
W
D
80
85
90
95
100
105
110
115
120
-55
-35
-15
5
25
45
65
85
105 125
TA – Temperature – °C
R = 2 k
f < 10 Hz
V = 2/3(V
– V
)
T = 25°C
L
O
CC+
CC–
A
W
D
0
5
10
15
20
25
30
1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06 1.E+07
f – Frequency – Hz
100
1k
10k
100k
1M
10M
10
V
= 15 V
V
= –15 V
R = 2 k
A = 1
THD < 1%
T = 25°C
CC+
CC–
L
V
A
W
-20
-15
-10
-5
0
5
10
15
20
5
6
7
8
9
10 11 12 13 14 15 16 17 18
VCC+/–VCC– – Supply Voltage – V
R = 10 k
L
W
R = 2 k
L
W
R = 10 k
L
W
R = 2 k
L
W
LM833
www.ti.com
SLOS481B – JULY 2010 – REVISED OCTOBER 2014
Typical Characteristics (continued)
Figure 16. Output Voltage vs Supply Voltage
Figure 17. Output Voltage vs Frequency
Figure 18. Open-Loop Gain vs Supply Voltage
Figure 19. Open-Loop Gain vs Temperature
Figure 20. Output Impedance vs Frequency
Figure 21. Crosstalk Rejection vs Frequency
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM833



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com