Electronic Components Datasheet Search
  English  ▼

X  

LM833 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM833
Description  Dual High-Speed Audio Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM833 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM833 Datasheet HTML 6Page - Texas Instruments LM833 Datasheet HTML 7Page - Texas Instruments LM833 Datasheet HTML 8Page - Texas Instruments LM833 Datasheet HTML 9Page - Texas Instruments LM833 Datasheet HTML 10Page - Texas Instruments LM833 Datasheet HTML 11Page - Texas Instruments LM833 Datasheet HTML 12Page - Texas Instruments LM833 Datasheet HTML 13Page - Texas Instruments LM833 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
0
10
20
30
40
50
60
70
80
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
f – Frequency – Hz
-180
-135
-90
-45
0
V
= 15 V
V
= –15 V
CC+
CC–
R = 2 k
T = 25°C
L
A
W
100k
1M
10M
1k
10k
Phase
Gain
0
3
6
9
12
1
10
100
1000
Cout – Output Load Capacitance – pF
0
10
20
30
40
50
60
70
80
Gain, T = 125°C
A
Gain, T = 25°C
A
Gain, T = –55°C
A
Phase, T = 125°C
A
Phase, T = 25°C
A
Phase, T = –55°C
A
V
= 15 V
V
= –15 V
CC+
CC–
V = 0 V
O
2
3
4
5
6
7
8
9
10
-55
-35
-15
5
25
45
65
85
105
125
TA – Temperature – °C
V
= 15 V
V
= –15 V
CC+
CC–
V = 20 V
A = 1
R = 2 k
D
W
IN
V
L
Falling Edge
Rising Edge
2
3
4
5
6
7
8
9
10
5
6
7
8
9
10 11 12 13 14 15 16 17 18
VCC+/–VCC– – Supply Voltage – V
Falling Edge
Rising Edge
V = 2/3(V
– V
)
A = 1
R = 2 k
T = 25°C
D
W
IN
CC+
CC–
V
L
A
0.0001
0.001
0.01
0.1
1
0
1
2
3
4
5
6
7
8
9
VO – Output Voltage – Vrms
V
= 15 V
V
= –15 V
f = 2 kHz
R = 2 k
T = 25°C
CC+
CC–
L
A
W
A = 1
V
A = 10
V
A = 100
V
A = 1000
V
0.0001
0.001
0.01
0.1
1
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
f – Frequency – Hz
1k
10k
100k
V
= 15 V
V
= –15 V
V = 1 V
A = 1
R = 2 k
T = 25°C
CC+
CC–
O
rms
V
L
A
W
10
100
LM833
SLOS481B – JULY 2010 – REVISED OCTOBER 2014
www.ti.com
Typical Characteristics (continued)
Figure 22. Total Harmonic Distortion vs Frequency
Figure 23. Total Harmonic Distortion vs Output Voltage
Figure 24. Slew Rate vs Supply Voltage
Figure 25. Slew Rate vs Temperature
Figure 26. Gain and Phase vs Frequency
Figure 27. Gain and Phase Margin
vs Output Load Capacitance
10
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LM833



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com