Electronic Components Datasheet Search
  English  ▼

X  

LM833 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM833
Description  Dual High-Speed Audio Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM833 Datasheet(HTML) 1 Page - Texas Instruments

  LM833 Datasheet HTML 1Page - Texas Instruments LM833 Datasheet HTML 2Page - Texas Instruments LM833 Datasheet HTML 3Page - Texas Instruments LM833 Datasheet HTML 4Page - Texas Instruments LM833 Datasheet HTML 5Page - Texas Instruments LM833 Datasheet HTML 6Page - Texas Instruments LM833 Datasheet HTML 7Page - Texas Instruments LM833 Datasheet HTML 8Page - Texas Instruments LM833 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Audio
Input
750
12 V / 1 W
±VEE
47 µF
0.1 µF
750
+VCC
0.1 µF
47 µF
1000
10 k
0.0022 µF
2.7 k
0.001 µF
2.7 k
VCC+
OUT1
IN1±
OUT2
IN2±
IN2+
IN1+
VCC±
47 k
1 µF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM833
SLOS481B – JULY 2010 – REVISED OCTOBER 2014
LM833 Dual High-Speed Audio Operational Amplifier
1 Features
3 Description
The LM833 device is a dual operational amplifier with
1
•
Dual-Supply Operation: ±5 V to ±18 V
high-performance specifications for use in quality
•
Low Noise Voltage: 4.5 nV/
√Hz
audio and data-signal applications. Dual amplifiers
•
Low Input Offset Voltage: 0.15 mV
are utilized widely in audio circuits optimized for all
preamp and high level stages in PCM and HiFi
•
Low Total Harmonic Distortion: 0.002%
systems. The LM833 device is pin-for-pin compatible
•
High Slew Rate: 7 V/
μs
with industry-standard dual operation amplifiers. With
•
High-Gain Bandwidth Product: 16 MHz
addition of a preamplifier, the gain of the power stage
can be greatly reduced to improve performance.
•
High Open-Loop AC Gain: 800 at 20 kHz
•
Large Output-Voltage Swing: –14.6 V to 14.1 V
Device Information
•
Excellent Gain and Phase Margins
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Available in 8-Terminal MSOP Package
SOIC (8)
4.90 mm × 3.91 mm
(3.0 mm x 4.9 mm x 0.65 mm)
LM833
VSSOP (8)
3.00 mm × 3.00 mm
PDIP (8)
9.81 mm × 6.35 mm
2 Applications
•
HiFi Audio System Equipment
•
Preamplification and Filtering
•
Set-Top Box
•
Microphone Preamplifier Circuit
•
General-Purpose Amplifier Applications
4 Typical Design Example Audio Pre-Amplifier
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM833

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
DUAL OPERATIONAL AMPLIFIER
logo
ON Semiconductor
LM833 ONSEMI-LM833 Datasheet
133Kb / 8P
DUAL OPERATIONAL AMPLIFIER
Rev 0
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833 Datasheet
45Kb / 5P
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
Dec-1997
logo
National Semiconductor ...
LM833 NSC-LM833 Datasheet
520Kb / 18P
Dual Audio Operational Amplifier
logo
ON Semiconductor
LM833 ONSEMI-LM833 Datasheet
100Kb / 8P
Low Noise, Audio Dual Operational Amplifier
December, 2005 ??Rev. 5
More results

Similar Description - LM833

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-271 AD-OP-271 Datasheet
411Kb / 10P
HIGH SPEED, DUAL OPERATIONAL AMPLIFIER
OP271 AD-OP271 Datasheet
411Kb / 10P
HIGH SPEED DUAL OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
Dual High Fidelity Audio Operational Amplifier
logo
Analog Devices
OP271 AD-OP271_02 Datasheet
270Kb / 12P
High-Speed, Dual Operational Amplifier
REV. A
logo
Texas Instruments
RC4560 TI-RC4560_08 Datasheet
364Kb / 11P
DUAL AUDIO OPERATIONAL AMPLIFIER
LM833P TI1-LM833P Datasheet
954Kb / 26P
DUAL HIGH-SPEED AUDIO OPERATIONAL AMPLIFIER
logo
Analog Devices
OP271 AD-OP271_15 Datasheet
869Kb / 12P
High-Speed, Dual Operational Amplifier
REV. A
logo
Texas Instruments
RC4580 TI1-RC4580 Datasheet
1Mb / 25P
Dual Audio Operational Amplifier
logo
New Japan Radio
NJM4582 NJRC-NJM4582 Datasheet
157Kb / 5P
AUDIO DUAL OPERATIONAL AMPLIFIER
MUSES8820 NJRC-MUSES8820 Datasheet
424Kb / 12P
High Quality Audio Dual Operational Amplifier
Ver.2013-12-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com