Electronic Components Datasheet Search
  English  ▼

X  

AS1117 Datasheet(PDF) 1 Page - Alpha Industries

Part # AS1117
Description  800mA Low Dropout Regulator SCSI-II Active Terminator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS1117 Datasheet(HTML) 1 Page - Alpha Industries

  AS1117 Datasheet HTML 1Page - Alpha Industries AS1117 Datasheet HTML 2Page - Alpha Industries AS1117 Datasheet HTML 3Page - Alpha Industries AS1117 Datasheet HTML 4Page - Alpha Industries AS1117 Datasheet HTML 5Page - Alpha Industries AS1117 Datasheet HTML 6Page - Alpha Industries AS1117 Datasheet HTML 7Page - Alpha Industries AS1117 Datasheet HTML 8Page - Alpha Industries AS1117 Datasheet HTML 9Page - Alpha Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Alpha Semiconductor Inc. 1031 Serpentine Lane. Pleasanton, CA 94568 Tel: (925) 417-1391 Fax: (925) 417-1390
Rev. 9/14/99
ALPHA
SEMICONDUCTOR
Excellence in Analog Power Products
α
AS1117
800mA Low Dropout Regulator
SCSI-II Active Terminator
FEATURES
APPLICATIONS
• Guaranteed 800mA Output
• SCSI-II Active Terminator
• Three Terminal Adjustable Or Fixed 1.5V, 2.5V, 2.85V, 3V, 3.3V & 5V
• Portable/ Palm Top / Notebook Computers
• Very Low Quiescent Current
• Battery Chargers
• Low Dropout Voltage Of 1.2 Volts At Full Load
• Disk Drives
• Extremely Tight Load And Line Regulation
• Portable Consumer Equipment
• Very Low Temperature Coefficient
• Portable Instrumentation
• Fixed 2.85V Device For SCSI-II Active Terminator
• SMPS Post-Regulator
• Logic-Controlled Electronic Shutdown
• Internal Overcurrent Limiting & Thermal Overload Protection
• Surface Mount Package SOT-223, TO-252, TO-220, SOT-89, TO-263, & SO-8
PRODUCT DESCRIPTION
The ALPHA Semiconductor AS1117 is a low power positive-voltage regulator designed to meet 800mA output current and comply
with SCSI-II specifications with a fixed output voltage of 2.85V. This device is an excellent choice for use in battery-powered
applications, as active terminators for the SCSI bus, and portable computers. The AS1117 features very low quiescent current and
very low dropout voltage of 1.2V at a full load and lower as output current decreases. AS1117 is available as an adjustable or fixed
2.85V, 3V, 3.3V, and 5V output voltages.
The AS1117 is offered in a 3-pin surface mount package SOT-223, TO-252, TO-220, SOT-89 & TO-263. The output capacitor of
10
µF or larger is needed for output stability of AS1117 as required by most of the other regulator circuits. Use of ALPHA
Semiconductor’s design, processing and testing techniques make our AS1117 superior over similar products.
ORDERING INFORMATION
TO-220
3-PIN
TO-263
3-PIN
SOT-223
3-PIN
PLASTIC
SOIC 8 PIN
SOT-89
3-PIN
TO-252
DPAK
Oper. Temp.
Range
AS1117U
AS1117T
AS1117M3
AS1117S
AS1117M1
AS1117R
-40
°C to +85°C
AS1117U-X
AS1117T-X
AS1117M3-X
AS1117S-X
AS1117M1-X
AS1117R-X
-40
°C to +85°C
X= Output Voltage (X = 1.5V, 2.5V, 2.85V, 3.0V, 3.3V, 5.0, or Blank for Adjustable)
PIN CONNECTIONS
Top View
2
1
3
4
8
7
6
5
ALPHA
AS1117
8-Pin Surface Mount (S)
ALPHA
AS1117
SOT-89 (M1)
1
2
3
ALPHA
AS1117
1
3
2
SOT-223 (M3)
Top View
TO-263-3 (T)
1
ALPHA
AS1117
2
3
Front View
TO-220-3 (U)
ALPHA
AS1117
1
2
3
Front View
TO-252 (R)
ADJ/GND
V
OUT
1
2
3
V
IN
ALPHA
AS1117
ADJ/GND
V
OUT
V
IN
ADJ/GND
V
OUT
V
IN
ADJ/GND
V
OUT
V
IN
GND
N/C
V
OUT
V
OUT
N/C
V
IN
V
IN
V
IN
ADJ/GND
V
OUT
V
IN
Top View
Top View


Similar Part No. - AS1117

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1117 AMSCO-AS1117 Datasheet
1Mb / 24P
64 LED Driver for Mobile Applications with Error Detection
AS1117-BQFT AMSCO-AS1117-BQFT Datasheet
1Mb / 24P
64 LED Driver for Mobile Applications with Error Detection
More results

Similar Description - AS1117

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34268 ONSEMI-MC34268 Datasheet
115Kb / 8P
SCSI-2 Active Terminator Regulator
April, 2000 ??Rev. 1
logo
Panasonic Semiconductor
AN8612NSR PANASONIC-AN8612NSR Datasheet
56Kb / 5P
SCSI Active Terminator IC
logo
Texas Instruments
UC5601 TI-UC5601 Datasheet
314Kb / 6P
SCSI Active Terminator
UC5602 TI-UC5602 Datasheet
361Kb / 6P
SCSI Active Terminator
logo
Rohm
BH9595FP-Y ROHM-BH9595FP-Y Datasheet
69Kb / 6P
SCSI active terminator
logo
Calogic, LLC
CLM1117 CALOGIC-CLM1117 Datasheet
47Kb / 4P
800mA Low Dropout Regulator SCSI-II Active Terminator
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204 Datasheet
28Kb / 4P
SCSI-II Active Terminator Preliminary Information
logo
Micro Linear Corporatio...
ML6509 MICRO-LINEAR-ML6509 Datasheet
232Kb / 10P
Active SCSI Terminator
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204_02 Datasheet
40Kb / 8P
SCSI-II Active Terminator
logo
Texas Instruments
UC5601 TI1-UC5601_15 Datasheet
389Kb / 9P
SCSI Active Terminator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com