Electronic Components Datasheet Search
  English  ▼

X  

AS1117 Datasheet(PDF) 11 Page - Alpha Industries

Part # AS1117
Description  800mA Low Dropout Regulator SCSI-II Active Terminator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS1117 Datasheet(HTML) 11 Page - Alpha Industries

Back Button AS1117 Datasheet HTML 3Page - Alpha Industries AS1117 Datasheet HTML 4Page - Alpha Industries AS1117 Datasheet HTML 5Page - Alpha Industries AS1117 Datasheet HTML 6Page - Alpha Industries AS1117 Datasheet HTML 7Page - Alpha Industries AS1117 Datasheet HTML 8Page - Alpha Industries AS1117 Datasheet HTML 9Page - Alpha Industries AS1117 Datasheet HTML 10Page - Alpha Industries AS1117 Datasheet HTML 11Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Alpha Semiconductor Inc. 1031 Serpentine Lane. Pleasanton, CA 94568 Tel: (925) 417-1391 Fax: (925) 417-1390
Rev. 9/14/99
AS1117
ADVANCE INFORMATION- These data sheets contain descriptions of products that are in development. The specifications are based on the engineering calculations,
computer simulations and/ or initial prototype evaluation.
PRELIMINARY INFORMATION- These data sheets contain minimum and maximum specifications that are based on the initial device characterizations. These limits
are subject to change upon the completion of the full characterization over the specified temperature and supply voltage ranges.
The information provided here is believed to be reliable and accurate, however ALPHA assumes no responsibility for its use. ALPHA makes no guarantee for any errors that
appear in this document. ‘Typical’ parameters can and do vary in different applications. All operating parameters, including ‘Typical’ must be validated for each custormer
application by customer’s technical experts. Specifications are subject to change without notice, contact ALPHA in order to obtain the latest version of the device
specification sheet before using any ALPHA devices. ALPHA is not responsible for any defects that occur in equipment using any ALPHA devices. ALPHA makes no
representation that the circuit descriptions herein will not infringe upon existing patent rights.
ALPHA Semiconductor, Inc.
1031 Serpentine Lane
Pleasanton, CA 94566 USA
Tel: (925) 417-1391
Fax: (925) 417-1390
e-mail: alphasem@best.com
web: www.alpha-semi.com
ALPHA Semiconductor-Taiwan
12F, No. 171, Sun Teh Road
Taipei, Taiwan
Tel: 886-2-27281190
Fax: 886-2-27591822
e-mail: alphasemi@ms14.hinet.net
LIFE SUPPORT APPLICATION POLICY: ALPHA Semiconductor products are not authorized for use as critical components in life support devices or systems, nuclear
power, aircraft, or space equipment without express written approval from the president of ALPHA Semiconductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com