Electronic Components Datasheet Search
  English  ▼

X  

TS321ID Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TS321ID
Description  Low-Power Single Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS321ID Datasheet(HTML) 3 Page - Texas Instruments

  TS321ID Datasheet HTML 1Page - Texas Instruments TS321ID Datasheet HTML 2Page - Texas Instruments TS321ID Datasheet HTML 3Page - Texas Instruments TS321ID Datasheet HTML 4Page - Texas Instruments TS321ID Datasheet HTML 5Page - Texas Instruments TS321ID Datasheet HTML 6Page - Texas Instruments TS321ID Datasheet HTML 7Page - Texas Instruments TS321ID Datasheet HTML 8Page - Texas Instruments TS321ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
1
2
5
OUT
V
CC+
3
4
IN+
IN–
V
CC–
1
2
3
6
7
8
4
5
OUT
V
CC+
IN–
IN+
V
CC–
NC
NC
NC
TS321
www.ti.com
SLOS489C – DECEMBER 2005 – REVISED APRIL 2015
6 Pin Configuration and Functions
D Package
8-Pin SOIC
(Top View)
DBV Package
5-Pin SOT-23
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOIC NO.
SOT-23 NO.
IN–
2
4
I
Negative input
IN+
3
3
I
Positive input
1
NC(1)
5
—
—
Do not connect
8
OUT
6
1
O
Output
VCC–
4
2
—
Negative supply
VCC+
7
5
—
Positive supply
(1)
NC – No internal connection
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TS321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com