Electronic Components Datasheet Search
  English  ▼

X  

TS321ID Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TS321ID
Description  Low-Power Single Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS321ID Datasheet(HTML) 4 Page - Texas Instruments

  TS321ID Datasheet HTML 1Page - Texas Instruments TS321ID Datasheet HTML 2Page - Texas Instruments TS321ID Datasheet HTML 3Page - Texas Instruments TS321ID Datasheet HTML 4Page - Texas Instruments TS321ID Datasheet HTML 5Page - Texas Instruments TS321ID Datasheet HTML 6Page - Texas Instruments TS321ID Datasheet HTML 7Page - Texas Instruments TS321ID Datasheet HTML 8Page - Texas Instruments TS321ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TS321
SLOS489C – DECEMBER 2005 – REVISED APRIL 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Single Supply
32
VCC
Supply voltage
V
Dual Supplies
±16
VID
Differential input voltage(2)
±32
V
VI
Input voltage range (3)
–0.3
32
V
IIK
Input current
50
mA
tshort
Duration of output short circuit to ground
Unlimited
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Differential voltages are at IN+ with respect to IN–.
(3)
Input voltages are at IN with respect to VCC–.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
Single supply
3
30
VCC
Supply voltage
V
Dual supply
±1.5
±15
TA
Operating free-air temperature
–40
125
°C
7.4 Thermal Information
TS321
THERMAL METRIC(1)
D (SOIC)
DBV (SOT-23)
UNIT
5 PIN
5 PIN
RθJA
Junction-to-ambient thermal resistance(2)(3)
97
206
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Maximum power dissipation is a function of TJ(max), qJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/qJA. Selecting the maximum of 150°C can affect reliability.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
4
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TS321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com