Electronic Components Datasheet Search
  English  ▼

X  

OPA2227P Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2227P
Description  High Precision, Low Noise Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2227P Datasheet(HTML) 2 Page - Texas Instruments

  OPA2227P Datasheet HTML 1Page - Texas Instruments OPA2227P Datasheet HTML 2Page - Texas Instruments OPA2227P Datasheet HTML 3Page - Texas Instruments OPA2227P Datasheet HTML 4Page - Texas Instruments OPA2227P Datasheet HTML 5Page - Texas Instruments OPA2227P Datasheet HTML 6Page - Texas Instruments OPA2227P Datasheet HTML 7Page - Texas Instruments OPA2227P Datasheet HTML 8Page - Texas Instruments OPA2227P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
OPA227, OPA2227, OPA4227
OPA228, OPA2228, OPA4228
SBOS110B – MAY 1998 – REVISED JUNE 2015
www.ti.com
Table of Contents
7.2
Functional Block Diagram ....................................... 16
1
Features .................................................................. 1
7.3
Feature Description................................................. 16
2
Applications ........................................................... 1
7.4
Device Functional Modes........................................ 23
3
Description ............................................................. 1
8
Application and Implementation ........................ 24
4
Revision History..................................................... 2
8.1
Application Information............................................ 24
5
Pin Configuration and Functions ......................... 3
8.2
Typical Application .................................................. 26
6
Specifications......................................................... 5
9
Power Supply Recommendations ...................... 29
6.1
Absolute Maximum Ratings ...................................... 5
10
Layout................................................................... 29
6.2
ESD Ratings.............................................................. 5
10.1
Layout Guidelines ................................................. 29
6.3
Recommended Operating Conditions ....................... 5
10.2
Layout Example .................................................... 30
6.4
Thermal Information: OPA227U/UA and
OPA228U/UA ............................................................ 5
11
Device and Documentation Support ................. 31
6.5
Thermal Information: OPA227P/PA and
11.1
Device Support .................................................... 31
OPA228P/PA ............................................................. 6
11.2
Documentation Support ........................................ 31
6.6
Electrical Characteristics: OPAx227 Series (VS = ±5
11.3
Related Links ........................................................ 31
V to ±15 V) ................................................................. 7
11.4
Trademarks ........................................................... 31
6.7
Electrical Characteristics: OPAx228 Series (VS = ±5
11.5
Electrostatic Discharge Caution ............................ 32
V to ±15 V) ................................................................. 8
11.6
Glossary ................................................................ 32
6.8
Typical Characteristics ............................................ 10
12
Mechanical, Packaging, and Orderable
7
Detailed Description ............................................ 16
Information ........................................................... 32
7.1
Overview ................................................................. 16
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (January 2005) to Revision B
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: OPA227 OPA2227 OPA4227 OPA228 OPA2228 OPA4228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com