Electronic Components Datasheet Search
  English  ▼

X  

OPA2227P Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2227P
Description  High Precision, Low Noise Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2227P Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA2227P Datasheet HTML 9Page - Texas Instruments OPA2227P Datasheet HTML 10Page - Texas Instruments OPA2227P Datasheet HTML 11Page - Texas Instruments OPA2227P Datasheet HTML 12Page - Texas Instruments OPA2227P Datasheet HTML 13Page - Texas Instruments OPA2227P Datasheet HTML 14Page - Texas Instruments OPA2227P Datasheet HTML 15Page - Texas Instruments OPA2227P Datasheet HTML 16Page - Texas Instruments OPA2227P Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
15
14
13
12
11
10
–10
–11
–12
–13
–14
–15
V+
(V+) –1V
(V+) –2V
(V+) –3V
(V–) +3V
(V–) +2V
(V–) +1V
V–
0
10
20
30
40
50
60
Output Current (mA)
–55 C
°
–40 C
°
–55 C
°
85 C
°
25 C
°
85 C
°
25 C
°
–40 C
°
125 C
°
125 C
°
100
10
1
±1
±10
±100
Gain (V/V)
0.01%
OPA227
0.1%
V
S = ±15V, 10V Step
C
L = 1500pF
R
L = 2kΩ
0.01%
OPA228
0.1%
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
5
10
15
20
25
30
35
40
Supply Voltage (V)
Curve shows normalized change in bias current
with respect to V
S = ±10V. Typical I B may range
from –2nA to +2nA at V
S =
10V.
±
15
Common-Mode Voltage (V)
–15
–10
–5
0
5
10
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
V
S = ±15V
V
S = ±5V
Curve shows normalized change in bias current
with respect to V
CM = 0V. Typical I B may range
from –2nA to +2nA at V
CM = 0V.
125
Temperature ( °C)
–75
–50
–25
0
25
50
75
100
3.0
2.5
2.0
1.5
1.0
0.5
0
Negative Slew Rate
R
LOAD = 2kΩ
C
LOAD = 100pF
Positive Slew Rate
OPA227
125
Temperature ( °C)
–75
–50
–25
0
25
50
75
100
12
10
8
6
4
2
0
R
LOAD = 2kΩ
C
LOAD = 100pF
OPA228
OPA227, OPA2227, OPA4227
OPA228, OPA2228, OPA4228
www.ti.com
SBOS110B – MAY 1998 – REVISED JUNE 2015
Typical Characteristics (continued)
At TA = 25°C, RL = 10 kΩ, and VS = ±15 V, unless otherwise noted.
Figure 19. Slew Rate vs Temperature
Figure 20. Slew Rate vs Temperature
Figure 21. Change in Input Bias Current vs Power Supply
Figure 22. Change in Input Bias Current vs Common-Mode
Voltage
Voltage
Figure 23. Settling Time vs Closed-Loop Gain
Figure 24. Output Voltage Swing vs Output Current
Copyright © 1998–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: OPA227 OPA2227 OPA4227 OPA228 OPA2228 OPA4228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com