Electronic Components Datasheet Search
  English  ▼

X  

OPA2227P Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2227P
Description  High Precision, Low Noise Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2227P Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA2227P Datasheet HTML 17Page - Texas Instruments OPA2227P Datasheet HTML 18Page - Texas Instruments OPA2227P Datasheet HTML 19Page - Texas Instruments OPA2227P Datasheet HTML 20Page - Texas Instruments OPA2227P Datasheet HTML 21Page - Texas Instruments OPA2227P Datasheet HTML 22Page - Texas Instruments OPA2227P Datasheet HTML 23Page - Texas Instruments OPA2227P Datasheet HTML 24Page - Texas Instruments OPA2227P Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
100kΩ
V
OUT
6
2
3
OPA227
22pF
10Ω
Device
Under
Test
R
4
9.09kΩ
R
3
1kΩ
R
7
97.6kΩ
R
6
40.2kΩ
C
2
1 F
C
1
1 F
C
3
0.47 F
C
4
22nF
R
2
2MΩ
R
8
402kΩ
R
5
634kΩ
Input from
Device
Under
Test
R
1
2MΩ
(OPA227)
U1
(OPA227)
U2
6
2
3
R
10
226kΩ
R
9
178kΩ
C
5
0.47 F
C
6
10nF
R
11
178kΩ
(OPA227)
U3
6
V
OUT
2
3
OPA227, OPA2227, OPA4227
OPA228, OPA2228, OPA4228
www.ti.com
SBOS110B – MAY 1998 – REVISED JUNE 2015
Feature Description (continued)
Figure 41. 0.1 Hz to 10 Hz Bandpass Filter Used to Test Wideband Noise of the
OPAx22x Series
Figure 42. Noise Test Circuit
Figure 41 shows the 0.1 Hz 10 Hz bandpass filter used to test the noise of the OPA227 and OPA228. The filter
circuit was designed using Texas Instruments’ FilterPro software (available at www.ti.com). Figure 42 shows the
configuration of the OPA227 and OPA228 for noise testing.
7.3.8 EMI Rejection Ratio (EMIRR)
The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI immunity of operational
amplifiers. An adverse effect that is common to many operational amplifiers is a change in the offset voltage as a
result of RF signal rectification. An operational amplifier that is more efficient at rejecting this change in offset as
a result of EMI has a higher EMIRR and is quantified by a decibel value. Measuring EMIRR can be performed in
many ways, but this section provides the EMIRR IN+, which specifically describes the EMIRR performance when
the RF signal is applied to the noninverting input pin of the operational amplifier. In general, only the noninverting
input is tested for EMIRR for the following three reasons:
1. Operational amplifier input pins are known to be the most sensitive to EMI, and typically rectify RF signals
better than the supply or output pins.
2. The noninverting and inverting operational amplifier inputs have symmetrical physical layouts and exhibit
nearly matching EMIRR performance.
3. EMIRR is easier to measure on noninverting pins than on other pins because the noninverting input terminal
can be isolated on a printed-circuit-board (PCB). This isolation allows the RF signal to be applied directly to
the noninverting input terminal with no complex interactions from other components or connecting PCB
traces.
Copyright © 1998–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: OPA227 OPA2227 OPA4227 OPA228 OPA2228 OPA4228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com