Electronic Components Datasheet Search
  English  ▼

X  

DMP2035UFCL Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMP2035UFCL
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2035UFCL Datasheet(HTML) 6 Page - Diodes Incorporated

  DMP2035UFCL Datasheet HTML 1Page - Diodes Incorporated DMP2035UFCL Datasheet HTML 2Page - Diodes Incorporated DMP2035UFCL Datasheet HTML 3Page - Diodes Incorporated DMP2035UFCL Datasheet HTML 4Page - Diodes Incorporated DMP2035UFCL Datasheet HTML 5Page - Diodes Incorporated DMP2035UFCL Datasheet HTML 6Page - Diodes Incorporated DMP2035UFCL Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMP2035UFCL
Document number: DS37917 Rev. 1 - 2
6 of 7
www.diodes.com
September 2015
© Diodes Incorporated
DMP2035UFCL
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
U-DFN1616-6
(Type K)
Dim
Min
Max
Typ
A
0.55
0.60
0.575
A1
0.00
0.05
0.02
A3
--
--
0.13
b
0.20
0.30
0.25
D
1.55
1.65
1.60
D2
0.57
0.77
0.67
D2a
0.10
0.30
0.20
e
--
--
0.50
E
1.55
1.65
1.60
E2
1.30
1.50
1.40
E2a
0.52
0.72
0.62
L
0.25
0.35
0.30
z
--
--
0.175
All Dimensions in mm
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
Dimensions
Value
(in mm)
C
0.500
X
0.300
X1
0.200
X2
0.720
X3
0.400
Y
0.475
Y1
0.620
Y2
1.900
D
E
e
b
L(2x)
A
A3
z(4x)
Seating Plane
A1
E2a
D2a
E2
D2
X(6x)
C
Y
Y
Y2
X1
Y1
X2
X3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com