Electronic Components Datasheet Search
  English  ▼

X  

S1MSWF Datasheet(PDF) 1 Page - Diodes Incorporated

Part # S1MSWF
Description  1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

S1MSWF Datasheet(HTML) 1 Page - Diodes Incorporated

  S1MSWF Datasheet HTML 1Page - Diodes Incorporated S1MSWF Datasheet HTML 2Page - Diodes Incorporated S1MSWF Datasheet HTML 3Page - Diodes Incorporated S1MSWF Datasheet HTML 4Page - Diodes Incorporated S1MSWF Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S1MSWF
Document number: DS37659 Rev. 4 - 2
1 of 5
www.diodes.com
November 2015
© Diodes Incorporated
S1MSWF
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Product Summary (@ TA = +25°C)
VRRM (V)
IO (A)
VF Max (V)
IR Max (µA)
1,000
1
1.1
10
Description and Applications
The S1MSWF is a rectifier packaged in the SOD123F package.
Providing high reverse breakdown voltage and high current capability
for standard rectification, this device is ideal for use in general
rectification applications such as:
Switching Mode Power Supply Applications
DC-DC Converter Applications
AC-DC Adaptors/Chargers
Mobile Devices
LED Lighting
Features and Benefits
Glass Passivated Die Construction
Ideally Suited for Automated Assembly
Small Form Factor, Low Profile
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
An Automotive-Compliant Part is Available Under Separate
Datasheet (S1MSWFQ)
Mechanical Data
Case: SOD123F
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.0016 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
S1MSWF-7
AEC-Q101
SOD123F
3,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2015
2016
2017
2018
2019
2020
2021
2022
Code
C
D
E
F
G
H
I
J
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Green
SOD123F
S1 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex.: C = 2015)
M = Month (ex: 9 = September)
Bottom View
Schematic View


Similar Part No. - S1MSWF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S1MSWFM DIODES-S1MSWFM Datasheet
494Kb / 5P
1.0A SURFACE MOUNT STANDARD RECOVERY RECTIFIER
Rev. 3 - 2 October 2022
S1MSWFM-7 DIODES-S1MSWFM-7 Datasheet
494Kb / 5P
1.0A SURFACE MOUNT STANDARD RECOVERY RECTIFIER
Rev. 3 - 2 October 2022
S1MSWFMQ DIODES-S1MSWFMQ Datasheet
655Kb / 5P
1.0A SURFACE MOUNT STANDARD RECOVERY RECTIFIER
Rev. 3 - 2 October 2022
S1MSWFMQ-7 DIODES-S1MSWFMQ-7 Datasheet
655Kb / 5P
1.0A SURFACE MOUNT STANDARD RECOVERY RECTIFIER
Rev. 3 - 2 October 2022
S1MSWFQ DIODES-S1MSWFQ Datasheet
424Kb / 5P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev erse
More results

Similar Description - S1MSWF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S1A DIODES-S1A Datasheet
54Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 8 - 2
logo
TAITRON Components Inco...
GL41A TAITRON-GL41A Datasheet
245Kb / 6P
1.0A Surface Mount Glass Passivated Rectifier
logo
Diodes Incorporated
DFLR1800 DIODES-DFLR1800 Datasheet
78Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS35075 Rev. 2 - 2
S1A DIODES-S1A_10 Datasheet
100Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 20 - 2
logo
Johanson Technology Inc...
S1B13F JOHANSON-S1B13F Datasheet
101Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S1DB-13-F DIODES-S1DB-13-F Datasheet
120Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 22
S1G-13 DIODES-S1G-13 Datasheet
101Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 22
S1GB-13 DIODES-S1GB-13 Datasheet
101Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 22
S1MDFQ DIODES-S1MDFQ Datasheet
417Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
M1F ZSELEC-M1F Datasheet
478Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com