Electronic Components Datasheet Search
  English  ▼

X  

S1MSWF Datasheet(PDF) 2 Page - Diodes Incorporated

Part # S1MSWF
Description  1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

S1MSWF Datasheet(HTML) 2 Page - Diodes Incorporated

  S1MSWF Datasheet HTML 1Page - Diodes Incorporated S1MSWF Datasheet HTML 2Page - Diodes Incorporated S1MSWF Datasheet HTML 3Page - Diodes Incorporated S1MSWF Datasheet HTML 4Page - Diodes Incorporated S1MSWF Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S1MSWF
Document number: DS37659 Rev. 4 - 2
2 of 5
www.diodes.com
November 2015
© Diodes Incorporated
S1MSWF
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
1,000
V
RMS Reverse Voltage
VR(RMS)
700
V
Average Rectified Output Current
@ TA = +75°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on Rated Load
IFSM
25
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Case (Note 5)
RθJC
13
°C/W
Thermal Resistance Junction to Ambient (Note 5)
RθJA
78
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
1,000
—
—
V
IR = 5µA
Forward Voltage Drop
VF
—
0.98
0.88
1.1
—
V
IF = 1A, TJ = +25°C
IF = 1A, TJ = +125°C
Leakage Current (Note 6)
IR
—
0.2
11
10
100
µA
VR = 1,000V, TJ = +25°C
VR = 1,000V, TJ = +125°C
Reverse Recovery Time
trr
—
1.0
—
µs
IF = 0.5A, IR = 1.0A, Irr = 0.25A
Total Capacitance
CT
—
6
—
pF
VR = 4.0VDC, f = 1MHz
Notes:
5. Device mounted on FR4 PC board, 1 inch x 1 inch, 2oz. copper traces with 1x recommended pad layout, please see AP02001 at
http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
6. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com