Electronic Components Datasheet Search
  English  ▼

X  

S1MSWF Datasheet(PDF) 3 Page - Diodes Incorporated

Part # S1MSWF
Description  1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

S1MSWF Datasheet(HTML) 3 Page - Diodes Incorporated

  S1MSWF Datasheet HTML 1Page - Diodes Incorporated S1MSWF Datasheet HTML 2Page - Diodes Incorporated S1MSWF Datasheet HTML 3Page - Diodes Incorporated S1MSWF Datasheet HTML 4Page - Diodes Incorporated S1MSWF Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
S1MSWF
Document number: DS37659 Rev. 4 - 2
3 of 5
www.diodes.com
November 2015
© Diodes Incorporated
S1MSWF
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE (°C)
A
Figure 1 DC Forward Current Derating Curve
Note 5
0.00001
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Figure 2 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
T = -55°C
A
T = 125°C
A
T = 150°C
A
T = 25°C
A
T = 85°C
A
0.001
0.01
0.1
1
10
100
0
100 200 300 400 500 600 700 800 900 1000
V , REVERSE VOLTAGE (V)
R
Figure 3 Typical Reverse Characteristics
T = 25°C
A
T = 125°C
A
T = 150°C
A
T = 85°C
A
T = -55°C
A
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
25
30
35
40
V , REVERSE VOLTAGE (V)
R
Figure 4 Typical Total Capacitance
f = 1MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com