Electronic Components Datasheet Search
  English  ▼

X  

INA199 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA199
Description  Voltage Output Current Shunt Monitor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA199 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA199 Datasheet HTML 5Page - Texas Instruments INA199 Datasheet HTML 6Page - Texas Instruments INA199 Datasheet HTML 7Page - Texas Instruments INA199 Datasheet HTML 8Page - Texas Instruments INA199 Datasheet HTML 9Page - Texas Instruments INA199 Datasheet HTML 10Page - Texas Instruments INA199 Datasheet HTML 11Page - Texas Instruments INA199 Datasheet HTML 12Page - Texas Instruments INA199 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Temperature( C)
°
70
68
66
64
62
60
-50
-25
125
0
25
50
75
100
Frequency (Hz)
100
10
1
10
100
1k
100k
10k
V = 2.5V
±
S
V
= 0V
REF
V
, V
= 0V
IN
IN+
-
G = 50
G = 100
G = 200
Common-Mode Voltage (V)
30
25
20
15
10
5
0
-5
0
5
30
10
15
20
25
I , V
= 2.5V
B+
REF
I , I , V
= 0V
and
I , V
= 2.5V
B+
B
REF
-
B
REF
-
Temperature( C)
°
30
29
28
27
26
25
-50
-25
125
0
25
50
75
100
V+
(V+)
0.25
-
(V+)
0.50
-
(V+)
0.75
-
(V+)
1.00
-
(V+)
1.25
-
(V+)
1.50
-
GND+1.50
GND+1.25
GND+1.00
GND+0.75
GND+0.50
GND+0.25
GND
0
2
4
5
8
OutputCurrent(mA)
10
12
14
18
16
+85 C
°
+25 C
°
-20 C
°
+85 C
°
-
°
20 C
+25 C
°
Common-ModeVoltage(V)
50
40
30
20
10
0
-
10
0
5
30
10
15
20
25
I ,I ,V
=2.5V
B+
B
REF
-
I ,I ,V
=0V
B+
B
REF
-
INA199
www.ti.com
SBOS469E – APRIL 2009 – REVISED DECEMBER 2015
Typical Characteristics (continued)
Performance measured with the INA199A3 at TA = 25°C, VS = 5 V, VIN+ = 12 V, and VREF = VS / 2, unless otherwise noted.
VS = 2.5 V
Figure 8. Input Bias Current vs Common-Mode Voltage With
Figure 7. Output Voltage Swing vs Output Current
Supply Voltage = 5 V
Figure 10. Input Bias Current vs Temperature
Figure 9. Input Bias Current vs Common-Mode Voltage With
Supply Voltage = 0 V (Shutdown)
Figure 12. Input-Referred Voltage Noise vs Frequency
Figure 11. Quiescent Current vs Temperature
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: INA199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com