Electronic Components Datasheet Search
  English  ▼

X  

INA199 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA199
Description  Voltage Output Current Shunt Monitor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA199 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA199 Datasheet HTML 6Page - Texas Instruments INA199 Datasheet HTML 7Page - Texas Instruments INA199 Datasheet HTML 8Page - Texas Instruments INA199 Datasheet HTML 9Page - Texas Instruments INA199 Datasheet HTML 10Page - Texas Instruments INA199 Datasheet HTML 11Page - Texas Instruments INA199 Datasheet HTML 12Page - Texas Instruments INA199 Datasheet HTML 13Page - Texas Instruments INA199 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Time(250ms/div)
0V
V =5V,V
=12V,V
=2.5V
S
CM
REF
NoninvertingInputOverload
Output
Time(100 s/div)
m
0V
OutputVoltage
Supply Voltage
V =5V,1kHzStepwithV
=0V,V
=2.5V
S
DIFF
REF
Time(50ms/div)
CommonVoltageStep
0V
0V
OutputVoltage
Time(250ms/div)
0V
Output
V =5V,V
=12V,V
=2.5V
S
CM
REF
InvertingInputOverload
Time(1s/div)
V = 2.5V
±
S
V
=0V
CM
V
=0V
DIF
V
=0V
REF
Time(100ms/div)
2V
PP OutputSignal
10mV
InputSignal
PP
INA199
SBOS469E – APRIL 2009 – REVISED DECEMBER 2015
www.ti.com
Typical Characteristics (continued)
Performance measured with the INA199A3 at TA = 25°C, VS = 5 V, VIN+ = 12 V, and VREF = VS / 2, unless otherwise noted.
Figure 14. Step Response (10-mVPP Input Step)
Figure 13. 0.1-Hz to 10-Hz Voltage Noise (Referred-to-Input)
Figure 15. Common-Mode Voltage Transient Response
Figure 16. Inverting Differential Input Overload
Figure 17. Noninverting Differential Input Overload
Figure 18. Start-Up Response
10
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: INA199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com