Electronic Components Datasheet Search
  English  ▼

X  

INA199 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA199
Description  Voltage Output Current Shunt Monitor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA199 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA199 Datasheet HTML 9Page - Texas Instruments INA199 Datasheet HTML 10Page - Texas Instruments INA199 Datasheet HTML 11Page - Texas Instruments INA199 Datasheet HTML 12Page - Texas Instruments INA199 Datasheet HTML 13Page - Texas Instruments INA199 Datasheet HTML 14Page - Texas Instruments INA199 Datasheet HTML 15Page - Texas Instruments INA199 Datasheet HTML 16Page - Texas Instruments INA199 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
ADC
Power
Supply
Load
RSHUNT
CBYPASS
0.1µF
5V Supply
-
+
IN-
IN+
GND
V+
OUT
REF
Micro-
controller
INA199
www.ti.com
SBOS469E – APRIL 2009 – REVISED DECEMBER 2015
8.3 Feature Description
8.3.1 Basic Connections
Figure 20 shows the basic connections for the INA199. The input pins, IN+ and IN–, must be connected as close
as possible to the shunt resistor to minimize any resistance in series with the shunt resistor.
Figure 20. Typical Application
Power-supply bypass capacitors are required for stability. Applications with noisy or high-impedance power
supplies may require additional decoupling capacitors to reject power-supply noise. Connect bypass capacitors
close to the device pins.
On the RSW package, two pins are provided for each input. These pins must be tied together (that is, tie IN+ to
IN+ and tie IN– to IN–).
8.3.2 Selecting RS
The zero-drift offset performance of the INA199 offers several benefits. Most often, the primary advantage of the
low offset characteristic enables lower full-scale drops across the shunt. For example, non-zero-drift current
shunt monitors typically require a full-scale range of 100 mV.
The INA199 series gives equivalent accuracy at a full-scale range on the order of 10 mV. This accuracy reduces
shunt dissipation by an order of magnitude with many additional benefits.
Alternatively, there are applications that must measure current over a wide dynamic range that can take
advantage of the low offset on the low end of the measurement. Most often, these applications can use the lower
gain of 50 or 100 to accommodate larger shunt drops on the upper end of the scale. For instance, an INA199A1
operating on a 3.3-V supply could easily handle a full-scale shunt drop of 60 mV, with only 150
μV of offset.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: INA199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com