Electronic Components Datasheet Search
  English  ▼

X  

INA206AIPW Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA206AIPW
Description  Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA206AIPW Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA206AIPW Datasheet HTML 12Page - Texas Instruments INA206AIPW Datasheet HTML 13Page - Texas Instruments INA206AIPW Datasheet HTML 14Page - Texas Instruments INA206AIPW Datasheet HTML 15Page - Texas Instruments INA206AIPW Datasheet HTML 16Page - Texas Instruments INA206AIPW Datasheet HTML 17Page - Texas Instruments INA206AIPW Datasheet HTML 18Page - Texas Instruments INA206AIPW Datasheet HTML 19Page - Texas Instruments INA206AIPW Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
INA206
x20
12V Supply
12V Load
Shutdown
Warning
3.3V Supply
V
S
OUT
CMP1 IN+
CMP2 IN–
CMP2 IN+/0.6 REF
GND
V
IN+
V
IN–
1.2V REF OUT
CMP1 OUT
CMP2 OUT
CMP2 DELAY
CMP1RESET
2.5V Reference
1.2V REF
CMP1 IN–/0.6 REF
R
3m
SHUNT
W
C
0.1 F
(0.5s)
DELAY
µ
D
DELAY
t
C
(in F)
5
m
=
0V
0.6V
V
IN
CMP Out
RESET
U2
U1
0.6V
1.2V
I2
120nA
I1
120nA
C
DELAY
INA206, INA207, INA208
SBOS360F – JUNE 2006 – REVISED NOVEMBER 2015
www.ti.com
Feature Description (continued)
Figure 30. Simplified Model of the Comparator 2 Delay Circuit
Figure 31. Comparator 1 Latching Capability
8.3.4 Comparator Delay (14-Pin Version Only)
The Comparator 2 programmable delay is controlled by a capacitor connected to the CMP2 Delay Pin; see
Figure 40. The capacitor value (in µF) is selected by using Equation 1.
(1)
A simplified version of the delay circuit for Comparator 2 is shown in Figure 30. The delay comparator consists of
two comparator stages with the delay between them. Note that I1 and I2 cannot be turned on simultaneously; I1
corresponds to a U1 low output and I2 corresponds to a U1 high output. Using an initial assumption that the U1
output is low, I1 is on, then U2 +IN is zero. If U1 goes high, I2 supplies 120 nA to CDELAY. The voltage at U2 +IN
begins to ramp toward a 0.6-V threshold. When the voltage crosses this threshold, the U2 output goes high while
the voltage at U2 +IN continues to ramp up to a maximum of 1.2 V when given sufficient time (twice the value of
the delay specified for CDELAY). This entire sequence is reversed when the comparator outputs go low, so that
returning to low exhibits the same delay.
Figure 32. Server 12-V Supply Current Monitor
16
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: INA206 INA207 INA208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com